Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCLK946 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCLK946
Description  Six LVPECL Outputs, SiGe Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK946 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCLK946_17 Datasheet HTML 4Page - Analog Devices ADCLK946_17 Datasheet HTML 5Page - Analog Devices ADCLK946_17 Datasheet HTML 6Page - Analog Devices ADCLK946_17 Datasheet HTML 7Page - Analog Devices ADCLK946_17 Datasheet HTML 8Page - Analog Devices ADCLK946_17 Datasheet HTML 9Page - Analog Devices ADCLK946_17 Datasheet HTML 10Page - Analog Devices ADCLK946_17 Datasheet HTML 11Page - Analog Devices ADCLK946_17 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADCLK946
Rev. B | Page 9 of 12
FUNCTIONAL DESCRIPTION
CLOCK INPUTS
The ADCLK946 accepts a differential clock input and distributes it
to all six LVPECL outputs. The maximum specified frequency is
the point at which the output voltage swing is 50% of the standard
LVPECL swing (see Figure 4).
The device has a differential input equipped with center-tapped,
differential, 100 Ω on-chip termination resistors. The input accepts
dc-coupled LVPECL, CML, 3.3 V CMOS (single ended), and
ac-coupled 1.8 V CMOS, LVDS, and LVPECL inputs. A VREF pin
is available for biasing ac-coupled inputs (see Figure 1).
Maintain the differential input voltage swing from approximately
400 mV p-p to no more than 3.4 V p-p. See Figure 14 through
Figure 17 for various clock input termination schemes.
Output jitter performance is degraded by an input slew rate
below 1 V/ns, as shown in Figure 12. The ADCLK946 is
specifically designed to minimize added random jitter over a
wide input slew rate range. Whenever possible, clamp excessively
large input signals with fast Schottky diodes because attenuators
reduce the slew rate. Input signal runs of more than a few
centimeters should be over low loss dielectrics or cables with
good high frequency characteristics.
CLOCK OUTPUTS
The specified performance necessitates using proper trans-
mission line terminations. The LVPECL outputs of the
ADCLK946 are designed to directly drive 800 mV into a 50 Ω
cable or into microstrip/stripline transmission lines terminated
with 50 Ω referenced to VCC − 2 V, as shown in Figure 14. The
LVPECL output stage is shown in Figure 13. The outputs are
designed for best transmission line matching. If high speed
signals must be routed more than a centimeter, either the
microstrip or the stripline technique is required to ensure
proper transition times and to prevent excessive output ringing
and pulse-width-dependent, propagation delay dispersion.
VEE
VCC
Q
Q
Figure 13. Simplified Schematic Diagram of
the LVPECL Output Stage
Figure 14 through Figure 17 depict various LVPECL output
termination schemes. When dc-coupled, VCC of the receiving
buffer should match the VS_DRV.
Thevenin-equivalent termination uses a resistor network to
provide 50 Ω termination to a dc voltage that is below VOL of
the LVPECL driver. In this case, VS_DRV on the ADCLK946
should equal VCC of the receiving buffer. Although the resistor
combination shown in Figure 15 results in a dc bias point of
VS_DRV − 2 V, the actual common-mode voltage is VS_DRV −
1.3 V because there is additional current flowing from the
ADCLK946 LVPECL driver through the pull-down resistor.
LVPECL Y-termination is an elegant termination scheme that
uses the fewest components and offers both odd- and even-mode
impedance matching. Even-mode impedance matching is an
important consideration for closely coupled transmission lines
at high frequencies. Its main drawback is that it offers limited
flexibility for varying the drive strength of the emitter-follower
LVPECL driver. This can be an important consideration when
driving long trace lengths but is usually not an issue.
VS_DRV
Z0 = 50Ω
VS = VS_DRV
LVPECL
50Ω
VCC – 2V
50Ω
Z0 = 50Ω
ADCLK946
Figure 14. DC-Coupled, 3.3 V LVPECL
VS_DRV
50Ω
50Ω
SINGLE-ENDED
(NOT COUPLED)
VCC
VS_DRV
LVPECL
127Ω
127Ω
83Ω
83Ω
ADCLK946
Figure 15. DC-Coupled, 3.3 V LVPECL Far-End Thevenin Termination
VS_DRV
Z0 = 50Ω
VS = VS_DRV
LVPECL
50Ω
50Ω
50Ω
Z0 = 50Ω
ADCLK946
Figure 16. DC-Coupled, 3.3 V LVPECL Y-Termination
VS_DRV
100Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VCC
LVPECL
100Ω
0.1nF
0.1nF
200Ω
200Ω
ADCLK946
Figure 17. AC-Coupled, LVPECL with Parallel Transmission Line


Similar Part No. - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946/PCBZ AD-ADCLK946/PCBZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ AD-ADCLK946BCPZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ-REEL7 AD-ADCLK946BCPZ-REEL7 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
More results

Similar Description - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK948 AD-ADCLK948_16 Datasheet
387Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK954 AD-ADCLK954 Datasheet
350Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. A
ADCLK954 AD-ADCLK954_16 Datasheet
386Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948 Datasheet
716Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com