Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T598B107M004ATE070 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T598B107M004ATE070
Description  T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T598B107M004ATE070 Datasheet(HTML) 1 Page - Kemet Corporation

  T598B107M004ATE070 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: T598B107M004ATE070
T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height
Max = 2.1mm
P
Dimensions
Footprint
3528
L
3.5mm +/-0.2mm
W
2.8mm +/-0.2mm
H
1.9mm +/-0.2mm
T
0.13mm REF
S
0.8mm +/-0.3mm
F
2.2mm +/-0.1mm
A
1.1mm MIN
B
0.4mm +/-0.15mm
P
0.5mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 94.85 mg
Packaging: T&R, 178mm
Packaging Quantity: 2000
General Information
Supplier: KEMET
Series: T598
Dielectric: Polymer Tantalum
Style: SMD Chip
Description: SMD, Polymer, Molded, Low
ESR, AEC-Q200
Features: Automotive
RoHS: Yes
Termination: Tin
Qualifications: AEC-Q200
AEC-Q200: Yes
Shelf Life: 52 Weeks
MSL: 3
Specifications
Capacitance: 100 uF
Capacitance Tolerance: 20%
Voltage DC: 4 VDC (105C), 2.68 VDC (125C)
Temperature Range: -55/+125C
Rated Temperature: 105C
Dissipation Factor: 10.00% 120Hz 25C
Failure Rate: N/A
Resistance: 70 mOhms (100kHz 25C)
Ripple Current: 1347 mA (100kHz 45C), 1212.3
mA (85C), 336.8 mA (125C)
Leakage Current: 40 uA (5min 25C)
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 8/23/2018 - 41c46cba-ce14-4f38-84f5-a9df5187670f


Similar Part No. - T598B107M004ATE070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T598B107M004ATE045 KEMET-T598B107M004ATE045 Datasheet
77Kb / 1P
   T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 45 mOhms, 3528, Height Max = 2.1mm
T598B107M004ATE055 KEMET-T598B107M004ATE055 Datasheet
70Kb / 1P
   T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 55 mOhms, 3528, Height Max = 2.1mm
More results

Similar Description - T598B107M004ATE070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T598B157M004ATE070 KEMET-T598B157M004ATE070 Datasheet
70Kb / 1P
   T598, Tantalum, Polymer Tantalum, 150 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
T598B107M2R5ATE070 KEMET-T598B107M2R5ATE070 Datasheet
75Kb / 1P
   T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 2.5 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
T598B107M004ATE045 KEMET-T598B107M004ATE045 Datasheet
77Kb / 1P
   T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 45 mOhms, 3528, Height Max = 2.1mm
T598B226M010ATE070 KEMET-T598B226M010ATE070 Datasheet
70Kb / 1P
   T598, Tantalum, Polymer Tantalum, 22 uF, 20%, 10 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
T598B226M006ATE070 KEMET-T598B226M006ATE070 Datasheet
70Kb / 1P
   T598, Tantalum, Polymer Tantalum, 22 uF, 20%, 6.3 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
T598B336M010ATE070 KEMET-T598B336M010ATE070 Datasheet
70Kb / 1P
   T598, Tantalum, Polymer Tantalum, 33 uF, 20%, 10 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
T598B107M004ATE055 KEMET-T598B107M004ATE055 Datasheet
70Kb / 1P
   T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 55 mOhms, 3528, Height Max = 2.1mm
T598B157M006ATE070 KEMET-T598B157M006ATE070 Datasheet
70Kb / 1P
   T598, Tantalum, Polymer Tantalum, 150 uF, 20%, 6.3 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
T598B476M010AHS070 KEMET-T598B476M010AHS070 Datasheet
71Kb / 1P
   T598, Tantalum, Polymer Tantalum, 47 uF, 20%, 10 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
T598B227M2R5ATE025 KEMET-T598B227M2R5ATE025 Datasheet
465Kb / 4P
   T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 2.5 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 25 mOhms, 3528, Height Max = 2.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com