Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE874 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE874
Description  Integrated Circuit TV Horiz/Vert Countdown System Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE874 Datasheet(HTML) 1 Page - NTE Electronics

  NTE874 Datasheet HTML 1Page - NTE Electronics NTE874 Datasheet HTML 2Page - NTE Electronics NTE874 Datasheet HTML 3Page - NTE Electronics NTE874 Datasheet HTML 4Page - NTE Electronics NTE874 Datasheet HTML 5Page - NTE Electronics NTE874 Datasheet HTML 6Page - NTE Electronics NTE874 Datasheet HTML 7Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NTE874
Integrated Circuit
TV Horiz/Vert Countdown System Circuit
Description:
The NTE874 is a monolithic bipolar/I2L integrated circuit digital sync system designed for use in con-
sumer TV applications for color/monochrome receivers or monitors. This device takes the composite
video input signal in combination with the on–chip master–scan oscillator to provide both horizontal
drive and vertical deflection output signals.
Other on–chip functions include sync separator, horizontal APC, horizontal/vertical count–down cir-
cuitry, vertical ramp generator, and horizontal drive circuit (Pulse–Width Modulator).
The NTE874 features dual–mode operation and accepts either standard or non–standard video sig-
nals. An automatic mode–recognition system forces the operation into the asynchronous mode for
non–standard sync signals.
Intended for use with 525–line systems, the NTE874 is supplied in the 28–lead dual–in–line plastic
package.
Features:
D Sync Separator
D Master Scan Oscillator (at 64 X fH)
D Automatic Phase Control (APC) of Oscillator
D Horizontal/Vertical Count–down
D Vertical Output
D Horizontal Drive Output (Pulse–Width Modulator)
Absolute Maximum Ratings:
POWER SUPPLY:
Power Supply Voltage, VCC
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Supply Current, ICC
75mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Injector Supply Voltage, VINJ
1.75V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Injector Supply Current, IINJ
150mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE874

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE87 NTE-NTE87 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE870 NTE-NTE870 Datasheet
25Kb / 3P
   Integrated Circuit Dual Operational Transconductance Amp
NTE871 NTE-NTE871 Datasheet
28Kb / 3P
   Integrated Circuit Wideband High Speed Operational Amp
NTE875 NTE-NTE875 Datasheet
32Kb / 4P
   Integrated Circuit Video IF Amplifier/PLL Detector System
NTE876 NTE-NTE876 Datasheet
26Kb / 2P
   Linear Integrated Circuit LED Flasher/Oscillator
More results

Similar Description - NTE874

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE849 NTE-NTE849 Datasheet
33Kb / 5P
   Integrated Circuit TV Horizontal/Vertical Countdown Digital Sync System
NTE1739 NTE-NTE1739 Datasheet
22Kb / 3P
   Integrated Circuit TV Horizontal/Vertical Countdown Digital Sync System
NTE700 NTE-NTE700 Datasheet
22Kb / 2P
   Integrated Circuit TV Chroma System
NTE1289 NTE-NTE1289 Datasheet
27Kb / 3P
   Integrated Circuit TV Vertical Deflection System
NTE826 NTE-NTE826 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound System, 2W
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
   Integrated Circuit TV Sound IF System
NTE984 NTE-NTE984 Datasheet
23Kb / 3P
   Integrated Circuit TV Video IF System
NTE1810 NTE-NTE1810 Datasheet
26Kb / 3P
   Integrated Circuit Color TV Video System
NTE1589 NTE-NTE1589 Datasheet
24Kb / 2P
   Integrated Circuit Color TV Luminance Chroma System
NTE1725 NTE-NTE1725 Datasheet
79Kb / 4P
   Integrated Circuit Color TV Picture IF System
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com