Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1270-3005-AL Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # M1270-3005-AL
Description  4.5 MM HEX FEMALE STANDOFFS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

M1270-3005-AL Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  M1270-3005-AL Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
0.177
[4.50]
HEX
0.906
[23.00]
4.5 MM HEX FEMALE STANDOFFS
M1270-3005-AL
5.00
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
12/28/16
COMPONENT
STANDOFFS
NOTES:
1. Material : Aluminium
2. Finish : No Plate
3. ASME Y14.5M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
THREAD
M3X0.5
THRU


Similar Part No. - M1270-3005-AL

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M1273-3005-AL RAF-M1273-3005-AL Datasheet
77Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
More results

Similar Description - M1270-3005-AL

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M1257-3005-SS RAF-M1257-3005-SS Datasheet
81Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1259-2545-AL RAF-M1259-2545-AL Datasheet
91Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1262-2545-SS RAF-M1262-2545-SS Datasheet
97Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1263-3005-S RAF-M1263-3005-S Datasheet
98Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1267-3005-AL RAF-M1267-3005-AL Datasheet
109Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1251-3005-SS RAF-M1251-3005-SS Datasheet
62Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1254-3005-AL RAF-M1254-3005-AL Datasheet
73Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1255-2545-SS RAF-M1255-2545-SS Datasheet
76Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1256-2545-SS RAF-M1256-2545-SS Datasheet
80Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1254-2545-SS RAF-M1254-2545-SS Datasheet
74Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
M1265-2545-AL RAF-M1265-2545-AL Datasheet
108Kb / 1P
   4.5 MM HEX FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com