Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8V54816A Datasheet(PDF) 26 Page - Integrated Device Technology

Part No. 8V54816A
Description  16-Por t , Bi-direct ional M-LVDS Clock Cross-Point Switch
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

8V54816A Datasheet(HTML) 26 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
26
©2015 Integrated Device Technology, Inc
December 18, 2015
8V54816A Datasheet
Orde ring I nfor m a t ion
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
8V54816ANLG
IDT8V54816ANLG
100-lead VFQFN, Lead-Free
Tray
0°C to 70°C
8V54816ANLG8
IDT8V54816ANLG
100-lead VFQFN, Lead-Free
Tape & Reel
0°C to 70°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn