Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G157YZP Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC2G157YZP
Description  Single 2-Line to 1-Line Data Selector Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G157YZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G157YZP Datasheet HTML 4Page - Texas Instruments SN74LVC2G157YZP Datasheet HTML 5Page - Texas Instruments SN74LVC2G157YZP Datasheet HTML 6Page - Texas Instruments SN74LVC2G157YZP Datasheet HTML 7Page - Texas Instruments SN74LVC2G157YZP Datasheet HTML 8Page - Texas Instruments SN74LVC2G157YZP Datasheet HTML 9Page - Texas Instruments SN74LVC2G157YZP Datasheet HTML 10Page - Texas Instruments SN74LVC2G157YZP Datasheet HTML 11Page - Texas Instruments SN74LVC2G157YZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1
2
7
6
G
A/B
B
A
5
Y
Y
3
SN74LVC2G157
SCES207M – APRIL 1999 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
This single 2-line to 1-line data selector multiplexer is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G157 device features a common strobe (G) input. When the strobe is high, Y is low and Y is
high. When the strobe is low, a single bit is selected from one of two sources and is routed to the outputs. The
device provides true and complementary data.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
The SN74LVC2G157 device has a wide operating VCC range of 1.65 V to 5.5 V, which allows it to be used in a
broad range of systems. The 5.5 V I/Os allow down translation and also allow voltages at the inputs when VCC =
0.
8.4 Device Functional Modes
Table 1 lists the functional modes for SN74LVC2G157.
Table 1. Function Table
INPUTS
OUTPUTS
G
A/B
A
B
Y
Y
H
X
X
X
L
H
L
L
L
X
L
H
L
L
H
X
H
L
L
H
X
L
L
H
L
H
X
H
H
L
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G157


Similar Part No. - SN74LVC2G157YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G157YZPR TI-SN74LVC2G157YZPR Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157YZPR TI-SN74LVC2G157YZPR Datasheet
393Kb / 12P
[Old version datasheet]   SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157YZPR TI1-SN74LVC2G157YZPR Datasheet
916Kb / 22P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
More results

Similar Description - SN74LVC2G157YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G157 TI1-SN74LVC2G157_15 Datasheet
916Kb / 22P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
SN74LVC2G157 TI-SN74LVC2G157_07 Datasheet
393Kb / 12P
[Old version datasheet]   SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74LVC2G157 UTC-U74LVC2G157 Datasheet
171Kb / 5P
   SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
U74LVC2G157 UTC-U74LVC2G157_15 Datasheet
171Kb / 5P
   SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com