Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAPA313 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. CAPA313
Description  3.5” Embedded SBC with Intel® Pentium® Processor N4200 & Celeron® Processor N3350, LVDS/HDMI, Dual GbE LANs and Audio
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo 

CAPA313 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
65
www.axiomtek.com
© 2018 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Updated Aug. 09, 2018.
CPU
Intel® Pentium® processor N4200/Celeron® processor
N3350 onboard
System Memory
1 x 204-pin DDR3L-1867 SO-DIMM, up to 8GB
Chipset
SoC Integrated
BIOS
AMI
SSD
1 x mSATA
Watchdog Timer
65536 levels, 1 ~ 65535 sec.
Expansion Interface
1 x full-size PCI Express Mini Card slot
1 x USB, 1 x PCIe x1, 1 x LPC, 1 x SMBus through a ZIO
connector
Battery Lithium
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V ~ 24V DC-in
AT Auto Power On function supported
Power Requirements
Intel® Pentium® N4200 @1.1 GHz 8GB DDR3L
Max. RMS: +24V @ 0.8A
Intel® Celeron® N3350 @1.1 GHz 8GB DDR3L
Max. RMS: +24V @ 0.7A
Size
146 x 104 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ +158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x RS-232/422/485
1 x RS-232
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
HD Codec audio as Mic-in/Line-in/Line-out with Realtek
ALC662
USB
2 x USB 2.0
4 x USB 3.0
SMBus/I
2C
Yes for advanced monitoring/control
Digital I/O
8 channels in/out programmable
TPM
ST ST33HTPH2E32AHA6 with TPM 2.0 compliant (optional)
Top view
Rear view
CAPA313
Core System
I/O
Display
Features
Intel® Pentium® processor N4200/Celeron® processor
N3350
1 DDR3L SO-DIMM up to 8GB
2 USB 2.0 ports and 4 USB 3.0
PCI Express Mini Card slot
ZIO connector
Packing List
Standard
Quick installation guide, user’s manual/utility CD and accessories
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share system memory
Display Interface
1 x HDMI
1 x LVDS; 18/24-bit single/dual channel
1 x VGA (optional)
3.5” Embedded SBC with Intel® Pentium® Processor N4200 & Celeron® Processor
N3350, LVDS/HDMI, Dual GbE LANs and Audio
Fanless
Low Power
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
DualView
DDR3L
DDR3L
DDR3L
Ethernet 1/2
USB 3.0 1/2
USB 3.0 3/4
COM 1
HDMI
LVDS
+12V ~ 24V power input
SATA-3
Audio
USB 2.0 1/2
COM 2
DDR3L SO-DIMM
ZIO connector
(1 x PCIex1, 1 x USB,
1 x LPC, 1 x SMBus)
mSATA
Full-size PCI Express
Mini Card slot
NEW
Standard
CAPA313HGGA-N4200-ZIO
(P/N:E38E313100)
3.5” Embedded SBC with Intel® Pentium® processor
N4200 (1.1 ~ 2.5 GHz, 2MB Cache, 6W), HDMI/LVDS, dual
10/100/1000Mbps and audio
CAPA313HGGA-N3350-ZIO
(P/N:E38E313102)
3.5” Embedded SBC with Intel® Celeron® processor
N3350 (1.1 ~ 2.4 GHz, 2MB Cache, 6W), HDMI/LVDS, dual
10/100/1000Mbps and audio
Optional
AX93262
(P/N: E393262100)
ZIO module for 2 x RS-232/422/485, 2 x RS-232,
1 x PCI Express Mini Card slot
AX93285
(P/N: E393285100)
ZIO module for 2 x RS-232, 32-bit programmable DIO
AX93291
(P/N: E393291100)
ZIO module for 2 x RS-232, 2 x GbE LAN
AX93295
(P/N: E393295100)
ZIO module for 2 x isolated RS-232, 2 x USB 3.0
Ordering Information


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn