Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV07ADGVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV07ADGVR
Description  Hex Buffers/Drivers With Open-Drain Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV07ADGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV07ADGVR Datasheet HTML 4Page - Texas Instruments SN74LV07ADGVR Datasheet HTML 5Page - Texas Instruments SN74LV07ADGVR Datasheet HTML 6Page - Texas Instruments SN74LV07ADGVR Datasheet HTML 7Page - Texas Instruments SN74LV07ADGVR Datasheet HTML 8Page - Texas Instruments SN74LV07ADGVR Datasheet HTML 9Page - Texas Instruments SN74LV07ADGVR Datasheet HTML 10Page - Texas Instruments SN74LV07ADGVR Datasheet HTML 11Page - Texas Instruments SN74LV07ADGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
uC or Logic
Basic LED Driver
Wired OR
uC or Logic
Buffer Function
LV07A
uC or Logic
LV07A
VPU
uC or Logic
LV07A
VPU
SN74LV07A
SCES337K – MAY 2000 – REVISED OCTOBER 2014
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The SN74LV07A device is a low drive, open-drain CMOS device that can be used for a multitude of buffer type
functions. The inputs are 5.5-V tolerant. The outputs are open drain and 5.5-V tolerant; thus, allowing the device
to translate up to 5.5 V or down to any other voltage between GND and 5.5 V.
10.2 Typical Application
Figure 5. Typical Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and is open drain, so it has low output drive only. Care should be taken to
avoid bus contention, because it can drive currents that would exceed maximum limits. Parallel output drive can
create fast edges into light loads, so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
For rise time and fall time specifications, see
Δt/ΔV in the Recommended Operating Conditions table.
For specified high and low levels, see VIH and VIL in the Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommended Output Conditions:
Load currents should not exceed 35 mA per output and 50 mA total for the part.
8
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: SN74LV07A


Similar Part No. - SN74LV07ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV07ADGVR TI-SN74LV07ADGVR Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
SN74LV07ADGVR TI-SN74LV07ADGVR Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV07ADGVR TI-SN74LV07ADGVR Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV07ADGVR TI-SN74LV07ADGVR Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV07ADGVRE4 TI-SN74LV07ADGVRE4 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LV07ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV07A HITACHI-HD74LV07A Datasheet
45Kb / 11P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com