Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SN74LV1T125 Datasheet(PDF) 7 Page - Texas Instruments

Part No. SN74LV1T125
Description  Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74LV1T125 Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
SN74LV1T125
www.ti.com
SCLS745A – DECEMBER 2013 – REVISED FEBRUARY 2014
4.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
VCC = 1.65 V to 1.8 V
0.95
1.0
VCC = 2.0 V
0.99
1.03
VCC = 2.25 V to 2.5 V
1.145
1.18
VCC = 2.75 V
1.22
1.25
High-level input
VIH
V
voltage
VCC = 3.0 V to 3.3 V
1.37
1.39
VCC = 3.6 V
1.47
1.48
VCC = 4.5 V to 5.0 V
2.02
2.03
VCC = 5.5 V
2.1
2.11
VCC = 1.65 V to 2.0 V
0.57
0.55
VCC = 2.25 V to 2.75 V
0.75
0.71
Low-level input
VIL
V
voltage
VCC = 3.0 V to 3.6 V
0.8
0.65
VCC = 4.5 V to 5.5 V
0.8
0.8
IOH = –20 µA
1.65 V to 5.5 V
VCC – 0.1
VCC – 0.1
1.65 V
1.28
1.21
IOH = –2.0 mA
1.8 V
1.5
1.45
V
IOH = –3.0 mA
2.3 V
2.0
1.93
IOH = –3.0 mA
2.5 V
2.25
2.15
VOH
IOH = –3.0 mA
2.78
2.7
3.0 V
IOH = –5.5 mA
2.6
2.49
IOH = –5.5 mA
3.3 V
2.9
2.8
V
IOH = –4.0 mA
4.2
4.1
4.5 V
IOH = –8.0 mA
4.1
3.95
IOH = –8.0 mA
5.0 V
4.6
4.5
IOL = 20 µA
1.65 V to 5.5 V
0.1
0.1
IOL = 2.0 mA
1.65 V
0.2
0.25
IOH = 3.0 mA
2.3 V
0.15
0.2
VOL
IOL = 3.0 mA
0.11
0.15
V
3.0 V
IOL = 5.5 mA
0.21
0.252
IOL = 4.0 mA
0.15
0.2
4.5 V
IOL = 8.0 mA
0.3
0.35
0 V, 1.8 V, 2.5 V, 3.3 V,
II
A input
VI = 0 V or VCC
0.1
±1.0
μA
5.5 V
5.0 V
1.0
10.0
3.3 V
1.0
10.0
VI = 0 V or VCC; IO = 0;
ICC
μA
Open on loading
2.5 V
1.0
10.0
1.8 V
1.0
10.0
One input at 0.3 V or 3.4 V
5.5 V
1.35
1.5
mA
Other inputs at 0 or VCC, IO = 0
ΔICC
One input at 0.3 V or 1.1 V
1.8 V
10.0
10.0
μA
Other inputs at 0 or VCC, IO = 0
Ci
VI = VCC or GND
3.3 V
2.0
10.0
2.0
10.0
pF
Co
VO = VCC or GND
3.3 V
2.5
2.5
pF
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LV1T125


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn