Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA958XN1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA958XN1
Description  TV signal processor-Teletext decoder with embedded m-Controller
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA958XN1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA958XN1 Datasheet HTML 6Page - NXP Semiconductors TDA958XN1 Datasheet HTML 7Page - NXP Semiconductors TDA958XN1 Datasheet HTML 8Page - NXP Semiconductors TDA958XN1 Datasheet HTML 9Page - NXP Semiconductors TDA958XN1 Datasheet HTML 10Page - NXP Semiconductors TDA958XN1 Datasheet HTML 11Page - NXP Semiconductors TDA958XN1 Datasheet HTML 12Page - NXP Semiconductors TDA958XN1 Datasheet HTML 13Page - NXP Semiconductors TDA958XN1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 125 page
background image
2000 Jun 22
10
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Note
1. The function of pin 20, 28, 29, 31, 32, 35 and 44 is dependent on the IC version (mono intercarrier FM demodulator
/ QSS IF amplifier and East-West output or not) and on some software control bits. The valid combinations are given
in table 1.
CVBS1
40
internal CVBS input
GND
41
ground for TV processor
CVBS/Y
42
CVBS/Y input
C
43
C input
AUDOUT /AMOUT(1)
44
audio output /AM audio output (volume controlled)
INSSW2
45
2nd RGB / YUV insertion input
R2/VIN
46
2nd R input / V (R-Y) input / PR input
G2/YIN
47
2nd G input / Y input
B2/UIN
48
2nd B input / U (B-Y) input / PB input
BCLIN
49
beam current limiter input
BLKIN
50
black current input / V-guard input
RO
51
Red output
GO
52
Green output
BO
53
Blue output
VDDA
54
analog supply of Teletext decoder and digital supply of TV-processor (3.3 V)
VPE
55
OTP Programming Voltage
VDDC
56
digital supply to core (3.3 V)
OSCGND
57
oscillator ground supply
XTALIN
58
crystal oscillator input
XTALOUT
59
crystal oscillator output
RESET
60
reset
VDDP
61
digital supply to periphery (+3.3 V)
P1.0/INT1
62
port 1.0 or external interrupt 1 input
P1.1/T0
63
port 1.1 or Counter/Timer 0 input
P1.2/INT0
64
port 1.2 or external interrupt 0 input
SYMBOL
PIN
DESCRIPTION


Similar Part No. - TDA958XN1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA9500 ETC-TDA9500 Datasheet
204Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
logo
STMicroelectronics
TDA9501 STMICROELECTRONICS-TDA9501 Datasheet
240Kb / 5P
   AC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
logo
List of Unclassifed Man...
TDA9503 ETC-TDA9503 Datasheet
204Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
logo
STMicroelectronics
TDA9511 STMICROELECTRONICS-TDA9511 Datasheet
52Kb / 5P
   DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
logo
List of Unclassifed Man...
TDA9513 ETC-TDA9513 Datasheet
204Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
More results

Similar Description - TDA958XN1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
   TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Renesas Technology Corp
M65582AMF-XXXFP RENESAS-M65582AMF-XXXFP Datasheet
514Kb / 46P
   NTSC TV Signal Processor with MCU
M61280M8-XXXFP RENESAS-M61280M8-XXXFP Datasheet
1Mb / 54P
   NTSC TV Signal Processor with MCU
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
   TELETEXT DECODER WITH 4 INTERGATED PAGES
logo
AAEON Technology
AEC-6520 AAEON-AEC-6520 Datasheet
292Kb / 2P
   IP-65 Washable Embedded Controller With Intel짰 Celeron짰 M Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com