Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XLM5155QDSSTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # XLM5155QDSSTQ1
Description  2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XLM5155QDSSTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  XLM5155QDSSTQ1 Datasheet HTML 1Page - Texas Instruments XLM5155QDSSTQ1 Datasheet HTML 2Page - Texas Instruments XLM5155QDSSTQ1 Datasheet HTML 3Page - Texas Instruments XLM5155QDSSTQ1 Datasheet HTML 4Page - Texas Instruments XLM5155QDSSTQ1 Datasheet HTML 5Page - Texas Instruments XLM5155QDSSTQ1 Datasheet HTML 6Page - Texas Instruments XLM5155QDSSTQ1 Datasheet HTML 7Page - Texas Instruments XLM5155QDSSTQ1 Datasheet HTML 8Page - Texas Instruments XLM5155QDSSTQ1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EP
BIAS
GATE
VCC
PGND
CS
COMP
PGOOD
UVLO/SYNC
SS
RT
FB
AGND
1
2
3
4
5
6
12
11
10
9
8
7
4
LM5155-Q1
SNVSB00 – AUGUST 2018
www.ti.com
Product Folder Links: LM5155-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
G = Ground, I = Input, O = Output, P = Power
7 Pin Configuration and Functions
DSS Package
12-Pin WSON With Wettable Flanks
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
BIAS
P
Supply voltage input to the VCC regulator. Connect a bypass capacitor from this pin to PGND
2
VCC
P
Output of the internal VCC regulator and supply voltage input of the MOSFET driver. Connect a ceramic
bypass capacitor from this pin to PGND.
3
GATE
O
N-channel MOSFET gate drive output. Connect directly to the gate of the N-channel MOSFET through
a short, low inductance path.
4
PGND
G
Power ground pin. Connect directly to the ground connection of the sense resistor through a low
inductance wide and short path.
5
CS
I
Current sense input pin. Connect to the positive side of the current sense resistor through a short path.
6
COMP
O
Output of the internal transconductance error amplifier. Connect the loop compensation components
between this pin and PGND.
7
AGND
G
Analog ground pin. Connect to the analog ground plane through a wide and short path.
8
FB
I
Inverting input of the error amplifier. Connect a voltage divider from the output to this pin to set output
voltage in boost/SEPIC topologies. Connect the low-side feedback resistor to AGND.
9
SS
I
Soft-start time programming pin. An external capacitor and an internal current source set the ramp rate
of the internal error amplifier reference during soft-start. Connect the ground connection of the capacitor
to AGND.
10
RT
I
Switching frequency setting pin. The switching frequency is programmed by a single resistor between
RT and AGND.
11
PGOOD
O
Power-good indicator. An open-drain output which goes low if FB is below the under voltage threshold.
Connect a pullup resistor to the system voltage rail.
12
UVLO/SYNC
I
Under voltage lockout programming pin. The converter start-up and shutdown levels can be
programmed by connecting this pin to the supply voltage through a resistor divider. The internal clock
can be synchronized to an external clock by applying a negative pulse signal into the UVLO/SYNC pin.
This pin should not be left floating. Connect to BIAS pin if not used. Connect the low-side UVLO resistor
to AGND.
EP
Exposed pad of the package. No internal electrical connection to silicon die. The exposed pad must be
connected to AGND and the large ground copper plain to decrease thermal resistance.


Similar Part No. - XLM5155QDSSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XLM5155QDSSTQ1 TI1-XLM5155QDSSTQ1 Datasheet
918Kb / 47P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
More results

Similar Description - XLM5155QDSSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155 TI1-LM5155 Datasheet
1Mb / 49P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1_V01 Datasheet
918Kb / 47P
[Old version datasheet]   2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI-LM5155-Q1_V02 Datasheet
1Mb / 51P
[Old version datasheet]   LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com