Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33907-MC33908D2 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MC33907-MC33908D2
Description  Power system basis chip with high speed CAN and LIN transceivers
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33907-MC33908D2 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MC33907-MC33908D2 Datasheet HTML 16Page - NXP Semiconductors MC33907-MC33908D2 Datasheet HTML 17Page - NXP Semiconductors MC33907-MC33908D2 Datasheet HTML 18Page - NXP Semiconductors MC33907-MC33908D2 Datasheet HTML 19Page - NXP Semiconductors MC33907-MC33908D2 Datasheet HTML 20Page - NXP Semiconductors MC33907-MC33908D2 Datasheet HTML 21Page - NXP Semiconductors MC33907-MC33908D2 Datasheet HTML 22Page - NXP Semiconductors MC33907-MC33908D2 Datasheet HTML 23Page - NXP Semiconductors MC33907-MC33908D2 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 123 page
background image
20
NXP Semiconductors
33907/33908
LIN output pin (continued)
VSHIFT_DIF
Difference Between Battery Shift and Ground Shift
(VSHIFT_DIF = VSHIFT_BAT - VSHIFT_GND)
0.0
8.0% VBAT
V
(24)
VBUS_CNT
VBUS_CNT = (VTH_REC + VTH_DOM)/2
0.475 VSUP
0.525 VSUP
V
(25)
VHYST
VHYST = VTH_REC - VTH_DOM
0.175 VSUP
V
IBUS_NO_GND
Ground Disconnection. GND = VSUP, 0 V < VBUS < 18 V, VBAT = 12 V.
Loss of Local GND does not affect communication in the remaining
network
-1.0
1.0
mA
(26)
IBUS_NO_BAT
VBAT disconnection. VSUP = GND, 0 V < VBUS < 18 V. Node sustains
the current that can flow under this condition. BUS remains operational.
100
µA
LINTSD
LIN Thermal Shutdown
180
°C
(27)
LINTSD_HYST
LIN Thermal Shutdown Hysteresis
20
°C
CLIN
LIN internal capacitor
10
pF
(27)
Notes
24.
This constraint refers to duty cycle D1 and D2 only.
25.
VTH_DOM: receiver threshold of the recessive to dominant LIN bus edge. VTH_REC receiver threshold of the dominant to recessive LIN bus edge.
26.
VSUP is the voltage at the input of the device (different from Vbat when a reverse current protection diode is implemented.
27.
Guaranteed by design.
Table 4. Operating range (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 40 V, unless otherwise specified. All voltages referenced to
ground. When 28 V < VSUP < 40 V, thermal dissipation must be considered (Figure 25).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes


Similar Part No. - MC33907-MC33908D2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
More results

Similar Description - MC33907-MC33908D2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
   High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
   High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
   Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1078ATW PHILIPS-UJA1078ATW Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com