Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33HB2001 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MC33HB2001
Description  10 A H-bridge, SPI programmable brushed DC motor driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC33HB2001 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MC33HB2001 Datasheet HTML 37Page - NXP Semiconductors MC33HB2001 Datasheet HTML 38Page - NXP Semiconductors MC33HB2001 Datasheet HTML 39Page - NXP Semiconductors MC33HB2001 Datasheet HTML 40Page - NXP Semiconductors MC33HB2001 Datasheet HTML 41Page - NXP Semiconductors MC33HB2001 Datasheet HTML 42Page - NXP Semiconductors MC33HB2001 Datasheet HTML 43Page - NXP Semiconductors MC33HB2001 Datasheet HTML 44Page - NXP Semiconductors MC33HB2001 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
NXP Semiconductors
MC33HB2001
10 A H-bridge, SPI programmable brushed DC motor driver
MC33HB2001
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Data sheet: advance information
Rev. 9.0 — 9 August 2018
41 / 48


Similar Part No. - MC33HB2001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33HB2001EK NXP-MC33HB2001EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC33HB2001FK NXP-MC33HB2001FK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
   10 A H-Bridge, SPI programmable brushed DC motor driver
Rev. 6.0-3 May 2016
More results

Similar Description - MC33HB2001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
   10 A H-Bridge, SPI programmable brushed DC motor driver
Rev. 6.0-3 May 2016
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2002 NXP-MC33HB2002 Datasheet
3Mb / 47P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 5 ??17 April 2020
logo
STMicroelectronics
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
   Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
February 2021 Rev 10
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
   SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
logo
Texas Instruments
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver
logo
M.S. Kennedy Corporatio...
MSK4250 MSK-MSK4250 Datasheet
321Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4251S MSK-MSK4251S Datasheet
268Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com