Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC9S08PL60 Datasheet(PDF) 20 Page - NXP Semiconductors

Part No. MC9S08PL60
Description  8-Bit S08 central processor unit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PL60 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MC9S08PL60 Datasheet HTML 16Page - NXP Semiconductors MC9S08PL60 Datasheet HTML 17Page - NXP Semiconductors MC9S08PL60 Datasheet HTML 18Page - NXP Semiconductors MC9S08PL60 Datasheet HTML 19Page - NXP Semiconductors MC9S08PL60 Datasheet HTML 20Page - NXP Semiconductors MC9S08PL60 Datasheet HTML 21Page - NXP Semiconductors MC9S08PL60 Datasheet HTML 22Page - NXP Semiconductors MC9S08PL60 Datasheet HTML 23Page - NXP Semiconductors MC9S08PL60 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Program and erase operations do not require any special power sources other than the
normal VDD supply. For more detailed information about program/erase operations, see
the Memory section.
6.3 Analog
6.3.1 ADC characteristics
Table 12. 5 V 10-bit ADC operating conditions
Characteri
stic
Conditions
Symb
Min
Typ1
Max
Unit
Comment
Supply
voltage
Absolute
VDDA
2.7
5.5
V
Delta to VDD (VDD-VDDAD)
ΔVDDA
-100
0
+100
mV
Ground
voltage
Delta to VSS (VSS-VSSA)2
ΔVSSA
-100
0
+100
mV
Input
voltage
VADIN
VREFL
VREFH
V
Input
capacitance
CADIN
4.5
5.5
pF
Input
resistance
RADIN
3
5
kΩ
Analog
source
resistance
10-bit mode
fADCK > 4 MHz
fADCK < 4 MHz
RAS
5
10
kΩ
External to
MCU
8-bit mode
(all valid fADCK)
10
ADC
conversion
clock
frequency
High speed (ADLPC=0)
fADCK
0.4
8.0
MHz
Low power (ADLPC=1)
0.4
4.0
1. Typical values assume VDDA = 5.0 V, Temp = 25°C, fADCK=1.0 MHz unless otherwise stated. Typical values are for
reference only and are not tested in production.
2. DC potential difference.
Peripheral operating requirements and behaviors
MC9S08PL60 Series Data Sheet, Rev. 1, 04/2018
20
NXP Semiconductors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn