Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08PA4 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MC9S08PA4
Description  8-Bit S08 central processor unit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S08PA4 Datasheet(HTML) 1 Page - NXP Semiconductors

  MC9S08PA4 Datasheet HTML 1Page - NXP Semiconductors MC9S08PA4 Datasheet HTML 2Page - NXP Semiconductors MC9S08PA4 Datasheet HTML 3Page - NXP Semiconductors MC9S08PA4 Datasheet HTML 4Page - NXP Semiconductors MC9S08PA4 Datasheet HTML 5Page - NXP Semiconductors MC9S08PA4 Datasheet HTML 6Page - NXP Semiconductors MC9S08PA4 Datasheet HTML 7Page - NXP Semiconductors MC9S08PA4 Datasheet HTML 8Page - NXP Semiconductors MC9S08PA4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MC9S08PA4
MC9S08PA4 Data Sheet
Supports: MC9S08PA4(A)
Key features
• 8-Bit S08 central processor unit (CPU)
– Up to 20 MHz bus at 2.7 V to 5.5 V across operating
temperature range
– Supporting up to 40 interrupt/reset sources
– Supporting up to four-level nested interrupt
– On-chip memory
– Up to 4 KB flash read/program/erase over full
operating voltage and temperature
– Up to 128 byte EEPROM; 2-byte erase sector;
program and erase while executing flash
– Up to 512 byte random-access memory (RAM)
– Flash and RAM access protection
• Power-saving modes
– One low-power stop mode; reduced power wait
mode
– Peripheral clock enable register can disable clocks to
unused modules, reducing currents; allows clocks to
remain enabled to specific peripherals in stop3 mode
• Clocks
– Oscillator (XOSC) - loop-controlled Pierce
oscillator; crystal or ceramic resonator range of
31.25 kHz to 39.0625 kHz or 4 MHz to 20 MHz
– Internal clock source (ICS) - containing a frequency-
locked-loop (FLL) controlled by internal or external
reference; precision trimming of internal reference
allowing 1% deviation across temperature range of 0
°C to 70 °C and 2% deviation across whole
operating temperature range; up to 20 MHz
• System protection
– Watchdog with independent clock source
– Low-voltage detection with reset or interrupt;
selectable trip points
– Illegal opcode detection with reset
– Illegal address detection with reset
• Development support
– Single-wire background debug interface
– Breakpoint capability to allow three breakpoints
setting during in-circuit debugging
– On-chip in-circuit emulator (ICE) debug module
containing two comparators and nine trigger modes
• Peripherals
– ACMP - one analog comparator with both positive
and negative inputs; separately selectable interrupt
on rising and falling comparator output; filtering
– ADC - 8-channel, 12-bit resolution; 2.5 µs
conversion time; data buffers with optional
watermark; automatic compare function; internal
bandgap reference channel; operation in stop mode;
optional hardware trigger
– FTM - Three 2-channel flex timer modulators
modules; 16-bit counter; each channel can be
configured for input capture, output compare, edge-
or center-aligned PWM mode
– RTC - 16-bit real timer counter (RTC)
– SCI - one serial communication interface (SCI/
UART) modules optional 13-bit break; full duplex
non-return to zero (NRZ); LIN extension support
• Input/Output
– Up to 18 GPIOs including one output-only pin
– One 8-bit keyboard interrupt module (KBI)
– Two, ultra-high current sink pins supporting 20 mA
source/sink current
• Package options
– 20-pin SOIC
– 20-pin TSSOP
– 16-pin TSSOP
– 8-pin DFN
– 8-pin SOIC
NXP Semiconductors
Document Number MC9S08PA4
Data Sheet: Technical Data
Rev. 8, 08/2018
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - MC9S08PA4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08PA16 FREESCALE-MC9S08PA16 Datasheet
586Kb / 33P
   MC9S08PA16 Series
logo
NXP Semiconductors
MC9S08PA16 NXP-MC9S08PA16 Datasheet
757Kb / 36P
   MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
logo
Freescale Semiconductor...
MC9S08PA32 FREESCALE-MC9S08PA32 Datasheet
586Kb / 35P
   MC9S08PA60 Series
logo
NXP Semiconductors
MC9S08PA32A NXP-MC9S08PA32A Datasheet
897Kb / 41P
   MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
logo
Freescale Semiconductor...
MC9S08PA60 FREESCALE-MC9S08PA60 Datasheet
586Kb / 35P
   MC9S08PA60 Series
More results

Similar Description - MC9S08PA4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08PL60 NXP-MC9S08PL60 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL4 NXP-MC9S08PL4 Datasheet
471Kb / 25P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL16 NXP-MC9S08PL16 Datasheet
438Kb / 27P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PT16 NXP-MC9S08PT16 Datasheet
902Kb / 37P
   8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
MC9S08FL16 NXP-MC9S08FL16 Datasheet
461Kb / 30P
   8-Bit S08 Central Processor Unit (CPU)
Rev. 4, 5/2015
logo
Freescale Semiconductor...
MC9S08FL8CBM FREESCALE-MC9S08FL8CBM Datasheet
443Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PB16 NXP-MC9S08PB16 Datasheet
724Kb / 32P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
logo
Freescale Semiconductor...
MC9S08FL16 FREESCALE-MC9S08FL16 Datasheet
632Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PL16S NXP-MC9S08PL16S Datasheet
670Kb / 30P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
S9S08RN60 NXP-S9S08RN60 Datasheet
687Kb / 36P
   8-Bit S08 central processor unit (CPU)
Rev. 1, 01/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com