Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL6336G Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HL6336G
Description  Circular Beam Low Operating Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HL6336G Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HL6336G Datasheet HTML 2Page - Hitachi Semiconductor HL6336G Datasheet HTML 3Page - Hitachi Semiconductor HL6336G Datasheet HTML 4Page - Hitachi Semiconductor HL6336G Datasheet HTML 5Page - Hitachi Semiconductor HL6336G Datasheet HTML 6Page - Hitachi Semiconductor HL6336G Datasheet HTML 7Page - Hitachi Semiconductor HL6336G Datasheet HTML 8Page - Hitachi Semiconductor HL6336G Datasheet HTML 9Page - Hitachi Semiconductor HL6336G Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HL6335G/36G
Rev.3, Mar. 2002, page 6 of 10
Package Dimensions
Hitachi Code
JEDEC
JEITA
Mass (reference value)
LD/G2
1.1 g
1
2
3
1
2
3
9.0
+0
–0.025
φ
1.0 ± 0.1
(0.65)
7.2
+0.3
–0.2
φ
φ 6.2 ± 0.2
( 2.0)
φ
Emitting Point
3 –
φ 0.45 ± 0.1
φ 2.54 ± 0.35
The beam has 12 deg offset against the package reference plane.
Please take account it mounted on a board.
Note: 1.
Unit: mm
12
° *1
12
° *1


Similar Part No. - HL6336G

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6336G OPNEXT-HL6336G Datasheet
107Kb / 5P
   Circular Beam Low Operating Current
More results

Similar Description - HL6336G

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6347MG OPNEXT-HL6347MG Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
HL6340MG OPNEXT-HL6340MG Datasheet
234Kb / 9P
   Circular Beam Low Operating Current
HL6340MG OPNEXT-HL6340MG_06 Datasheet
108Kb / 5P
   Circular Beam Low Operating Current
HL6343G OPNEXT-HL6343G Datasheet
107Kb / 5P
   Circular Beam Low Operating Current
HL6335G OPNEXT-HL6335G Datasheet
107Kb / 5P
   Circular Beam Low Operating Current
logo
Agilent(Hewlett-Packard...
HL6340MG HP-HL6340MG_08 Datasheet
92Kb / 5P
   Circular Beam Low Operating Current
logo
Rohm
SML-D12W8W ROHM-SML-D12W8W Datasheet
662Kb / 11P
   Low 2mA operating current
logo
Micrel Semiconductor
MIC5326 MICREL-MIC5326 Datasheet
281Kb / 10P
   150mA Low Operating Current LDO
logo
Siemens Semiconductor G...
KOM0622059 SIEMENS-KOM0622059 Datasheet
77Kb / 1P
   64-ELEMENT SILICON CIRCULAR ARRAY VERY LOW DARK CURRENT
logo
Opnext. Inc.
HL6333MG OPNEXT-HL6333MG Datasheet
95Kb / 4P
   Low Operating Current Visible Laser Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com