Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VUI72-16NOXT Datasheet(PDF) 6 Page - IXYS Corporation

Part No. VUI72-16NOXT
Description  Standard Rectifier Module(3~ Rectifier Bridge Brake Unit)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUI72-16NOXT Datasheet(HTML) 6 Page - IXYS Corporation

  VUI72-16NOXT Datasheet HTML 1Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 2Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 3Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 4Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 5Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 6Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VUI72-16NOXT
0
1
1
400
800
1200
1600
2000
V
F [V]
I
F
[A]
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
10-3
10-2
10-1
100
200
300
400
500
1
10
100
1000
10000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
0
4
8 12 16 20 24 28 32
0
8
16
24
32
0
25
50
75
100 125 150
0
20
40
60
80
100
I
FSM
[A]
t [s]
t [ms]
I
2t
[A
2s]
P
tot
[W]
I
dAVM [A]
T
A [°C]
I
F(AV)M
[A]
T
C [°C]
Z
thJC
[K/W]
t [ms]
Constants for Z
thJC calculation:
i
R
th (K/W)
t
i (s)
1
0.0607
0.0004
2
0.1230
0.00256
3
0.2305
0.0045
4
0.4230
0.0242
5
0.2628
0.1800
0.8 x V
RRM
50 Hz
TVJ = 45°C
V
R = 0 V
R
thJA:
0.6 KW
0.8 KW
1
KW
2
KW
4
KW
8
KW
DC =
1
0.5
0.4
0.33
0.17
0.08
T
VJ =
125°C
150°C
TVJ = 25°C
TVJ = 150°C
TVJ = 150°C
Fig. 1 Forward current vs.
voltage drop per diode
Fig. 2 Surge overload current
vs. time per diode
Fig. 3 I
2t vs. time per diode
Fig. 4 Power dissipation vs. forward current
and ambient temperature per diode
Fig. 5 Max. forward current vs.
case temperature per diode
Fig. 6 Transient thermal impedance junction to case vs. time per diode
DC =
1
0.5
0.4
0.33
0.17
0.08
T
VJ = 45°C
Rectifier
IXYS reserves the right to change limits, conditions and dimensions.
20151102d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn