Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VUI72-16NOXT Datasheet(PDF) 5 Page - IXYS Corporation

Part No. VUI72-16NOXT
Description  Standard Rectifier Module(3~ Rectifier Bridge Brake Unit)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUI72-16NOXT Datasheet(HTML) 5 Page - IXYS Corporation

  VUI72-16NOXT Datasheet HTML 1Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 2Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 3Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 4Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 5Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 6Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VUI72-16NOXT
Remarks / Bemerkungen:
1. Nominal distance mounting screws on heat sink: 52 mm / Nennabstand Befestigungsschrauben auf Kühlkörper: 52 mm
2. General tolerance / Allgemeintoleranz : DIN ISO 2768 -T1-c
3. Surface treatment of pins: tin plated (Sn) in hot dip / Oberflächenbehandlung der Pins: verzinnt (Sn) im Tauchbad
4. Detail X 
:
EJOT PT® self-tapping screws (dimension K25) to be recommended for mounting on PCB 
selbstschneidende Schraube (Größe K25) empfohlen für die PCB-Montage

T

ake care on the maximum screw length according to board thickness and the maximum hole depth of 6 mm
Bei der Wahl der Schraubenlänge die PCB-Dicke und die maximale Lochtiefe von 6mm beachten

Recommended mounting torque: 1.5 Nm / Empfohlenes Drehmoment: 1.5 Nm
6
52 (see 1)
25
25,75
12,2
1x45°
±0,3
0,5
*11
=
=
*14
*7
*14
*7
*0
*14
*7
*14
*7
*0
25
25,75 ±0,3
*11
*0
Ø 0,8
*
Marking on product
Aufdruck der Typenbezeichnung
26
31,6
0,5 +0,2
Ø 0,5
15,8 ±1
1 ±0,2
2 +0,2
35
63
R2
4,6
5
±1
±1
Ø 6,1
Ø 2,5
Ø 2,1
9~
6
7~
1~
5
4
2
NTC
11
12
10
Outlines
V1-A-Pack
IXYS reserves the right to change limits, conditions and dimensions.
20151102d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn