Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VUI72-16NOXT Datasheet(PDF) 4 Page - IXYS Corporation

Part No. VUI72-16NOXT
Description  Standard Rectifier Module(3~ Rectifier Bridge Brake Unit)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUI72-16NOXT Datasheet(HTML) 4 Page - IXYS Corporation

  VUI72-16NOXT Datasheet HTML 1Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 2Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 3Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 4Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 5Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 6Page - IXYS Corporation VUI72-16NOXT Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VUI72-16NOXT
Ratings
Part Number (Typ)
yywwA
Date Code
Prod. Index
Lot No.:
Data Matrix: Typ (1-19), DC+Prod.Index (20-25), FKT# (26-31)
leer
(33), lfd.# (33-36)
Package
Top
°C
MD
Nm
2.5
mounting torque
2
T
VJ
°C
150
virtual junction temperature
-40
Weight
g
37
Symbol
Definition
typ.
max.
min.
Conditions
operation temperature
Unit
V
V
t = 1 second
V
t = 1 minute
isolation voltage
mm
mm
6.0
12.0
dSpp/App
creepage distance on surface | striking distance through air
dSpb/Apb
terminal to backside
I RMS
RMS current
100
A
per terminal
125
-40
terminal to terminal
V1-A-Pack
Delivery Mode
Quantity
Code No.
Ordering Number
Marking on Product
Ordering
0
50
100
150
0
1000
2000
3000
4000
5000
6000
7000
R
[ ]
Typ. NTC resistance vs. temperature
T
C [°C]
50/60 Hz, RMS; I
1 mA
ISOL
VUI72-16NOXT
510748
Blister
24
VUI72-16NOXT
Standard
3600
ISOL
T
stg
°C
125
storage temperature
-40
3000
threshold voltage
V
0.79
mΩ
V0 max
R0 max
slope resistance *
6.5
1.1
40
Equivalent Circuits for Simulation
T
=
VJ
I
V
0
R0
Rectifier
Brake
IGBT +
150 °C
* on die level
T
= 25°
resistance
kΩ
2.27
K
VJ
3560
R25
B25/50
2.2
2.13
temperature coefficient
Symbol
Definition
typ.
max.
min.
Conditions
Unit
Temperature Sensor NTC
IXYS reserves the right to change limits, conditions and dimensions.
20151102d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn