Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SML-D13 Datasheet(PDF) 2 Page - Rohm

Part No. SML-D13
Description  Original device technology enables high brightness and high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

SML-D13 Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-D13(A) Series
100
10
1
FORWARD VOLTAGE : VF (V)
1.0
1.5
2.0
2.5
3.0
Ta=25°C
SML-D13VW(A)
SML-D13UW(A)
SML-D13U2W(A)
SML-D13DW(A)
SML-D13YW(A)
SML-D13WW(A)
SML-D13MW(A)
SML-D13PW(A)
SML-D13FW(A)
2.0
0.0
0.5
1.5
FORWARD CURRENT : IF (mA)
Ta=25°C
0
5
10
15
20
25
3 0
SML-D13VW(A)
SML-D13UW(A)
SML-D13U2W(A)
SML-D13DW(A)
SML-D13YW(A)
SML-D13WW(A)
SML-D13MW(A)
SML-D13PW(A)
SML-D13FW(A)
40
0
10
20
30
AMBIENT TEMPERATURE : Ta(
°C)
-40 -20
0
20
40
60
80 100 120
SML-D13VW(A)
SML-D13UW(A)
SML-D13U2W(A)
SML-D13DW(A)
SML-D13YW(A)
SML-D13WW(A)
SML-D13MW(A)
SML-D13PW(A)
SML-D13FW(A)
1.8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ATMOSPHERE TEMPERATURE : Ta
(°C)
IF=20mA
-40
-20
0
20
40
60
80
100
SML-D13VW(A)
SML-D13UW(A)
SML-D13U2W(A)
SML-D13DW(A)
SML-D13YW(A)
SML-D13WW(A)
SML-D13MW(A)
SML-D13PW(A)
SML-D13FW(A)
2/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.10 - Rev.A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn