Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SML-D13 Datasheet(PDF) 1 Page - Rohm

Part No. SML-D13
Description  Original device technology enables high brightness and high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

SML-D13 Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
0.8
Terminal
Cathode mark
1.2
1.6
R0.15
0.8
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
SCANNING ANGLE (deg)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
*1:Duty1/10, 1kHz / *2:Reference
:Under deveropment
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
SML-D13VW(A)
AIGaInP on
GaAs
Red
75
30
100*
1
5
-40 to +85
-40 to +100
2.0
20
10
5
626
630
634
20
35.5
55
20
SML-D13UW(A)
Red
616
620
624
56
85
SML-D13U2W(A)
Red
611
615
619
90
SML-D13DW(A)
Orange
602
605
608
71
120
SML-D13YW(A)
Yellow
2.1
4
587
590
593
SML-D13WW(A)
Yellow
5
586 587.5 589
90
112
SML-D13MW(A)
Yellowish
Green
568
571
574
28
45
SML-D13PW(A)
Green
557
560
563
4.5
8
SML-D13FW(A)
Green
561
564
567
14
22
Tolerance : ±0.1
(unit : mm)
(unit : mm)
SML-D13(A) Series
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
1608(0603)
1.6×0.8mm(t=0.55mm)
Features
・Original device technology enables high brightness
and high reliability.
Color
Type
V
U
U2
D
Y
W
M
P
F
1/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.10 - Rev.A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn