Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8SGR740N8 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SGR740N8
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SGR740N8 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP8SGR740N8 Datasheet HTML 7Page - National Semiconductor (TI) COP8SGR740N8 Datasheet HTML 8Page - National Semiconductor (TI) COP8SGR740N8 Datasheet HTML 9Page - National Semiconductor (TI) COP8SGR740N8 Datasheet HTML 10Page - National Semiconductor (TI) COP8SGR740N8 Datasheet HTML 11Page - National Semiconductor (TI) COP8SGR740N8 Datasheet HTML 12Page - National Semiconductor (TI) COP8SGR740N8 Datasheet HTML 13Page - National Semiconductor (TI) COP8SGR740N8 Datasheet HTML 14Page - National Semiconductor (TI) COP8SGR740N8 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
DC Electrical Characteristics (Continued)
−40˚C
≤ T
A ≤ +125˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Maximum Input Current without Latchup
(Note 7)
Room Temp.
±200
mA
RAM Retention Voltage, Vr
2.0
V
V
CC Rise Time from a VCC ≥ 2.0V
(Note 10)
12
µs
EPROM Data Retenton (Note 8),(Note 9)
T
A = 55˚C
>29
years
Input Capacitance
(Note 9)
7
pF
Load Capacitance on D2
(Note 9)
1000
pF
www.national.com
11


Similar Part No. - COP8SGR740N8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGR744J3 NSC-COP8SGR744J3 Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR744J3 NSC-COP8SGR744J3 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR744J3 NSC-COP8SGR744J3 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGR744V8/63SN TI1-COP8SGR744V8/63SN Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
COP8SGR744V8/NOPB TI1-COP8SGR744V8/NOPB Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
More results

Similar Description - COP8SGR740N8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com