Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8535I-31 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS8535I-31
Description  LVPECL Fanout Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8535I-31 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS8535I-31_10 Datasheet HTML 1Page - Integrated Device Technology ICS8535I-31_10 Datasheet HTML 2Page - Integrated Device Technology ICS8535I-31_10 Datasheet HTML 3Page - Integrated Device Technology ICS8535I-31_10 Datasheet HTML 4Page - Integrated Device Technology ICS8535I-31_10 Datasheet HTML 5Page - Integrated Device Technology ICS8535I-31_10 Datasheet HTML 6Page - Integrated Device Technology ICS8535I-31_10 Datasheet HTML 7Page - Integrated Device Technology ICS8535I-31_10 Datasheet HTML 8Page - Integrated Device Technology ICS8535I-31_10 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ICS8535I-31
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535AGI-31 REVISION A JANUARY 27, 2010
4
©2010 Integrated Device Technology, Inc.
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 3.3V ± 5%, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = 3.3V ± 5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
Package Thermal Impedance, θJA
73.2°C/W (0 lfpm)
Storage Temperature, TSTG
-65°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
65
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
CLK, CLK_SEL
VCC = VIN = 3.465V
150
µA
CLK_EN
VCC = VIN = 3.465V
5
µA
IIL
Input Low Current
CLK, CLK_SEL
VCC = 3.465V, VIN = 0V
-5
µA
CLK_EN
VCC = 3.465V, VIN = 0V
-150
µA


Similar Part No. - ICS8535I-31_10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8535I-31 IDT-ICS8535I-31 Datasheet
685Kb / 15P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8535I-31 RENESAS-ICS8535I-31 Datasheet
1Mb / 16P
   Low Skew, 1-To-4, Crystal Oscillator/LVCMOS-To-3.3V LVPECL Fanout Buffer
2019
More results

Similar Description - ICS8535I-31_10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
   LVPECL Fanout Buffer
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
   LVPECL Fanout Buffer
8SLVP1204 IDT-8SLVP1204_18 Datasheet
580Kb / 24P
   LVPECL Output Fanout Buffer
853S011BI IDT-853S011BI_16 Datasheet
315Kb / 20P
   LVPECL/ ECL Fanout Buffer
8SLVP1104I IDT-8SLVP1104I_18 Datasheet
458Kb / 21P
   LVPECL Output Fanout Buffer
logo
Diodes Incorporated
PI6C5912016-01 DIODES-PI6C5912016-01 Datasheet
1Mb / 12P
   16Output LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS853S031I IDT-ICS853S031I Datasheet
1,005Kb / 22P
   LVPECL/ECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com