Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85411I Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 85411I
Description  Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85411I Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 85411I Datasheet HTML 7Page - Integrated Device Technology 85411I Datasheet HTML 8Page - Integrated Device Technology 85411I Datasheet HTML 9Page - Integrated Device Technology 85411I Datasheet HTML 10Page - Integrated Device Technology 85411I Datasheet HTML 11Page - Integrated Device Technology 85411I Datasheet HTML 12Page - Integrated Device Technology 85411I Datasheet HTML 13Page - Integrated Device Technology 85411I Datasheet HTML 14Page - Integrated Device Technology 85411I Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
85411I Data Sheet
©2016 Integrated Device Technology, Inc
Revision B January 20, 2016
13
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
85411AMILF
85411AIL
8 lead “Lead Free” SOIC
Tray
-40°C to +85°C
85411AMILFT
85411AIL
8 lead “Lead Free” SOIC
Tape and Reel
-40°C to +85°C
TABLE 8. ORDERING INFORMATION


Similar Part No. - 85411I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85411I RENESAS-85411I Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
More results

Similar Description - 85411I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85411 IDT-85411 Datasheet
230Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
8S89832I IDT-8S89832I_17 Datasheet
321Kb / 14P
   Low Skew, 1-to-4 Different ial-to-LVDS Fanout Buffer
852911I IDT-852911I Datasheet
204Kb / 16P
   Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
85311 IDT-85311 Datasheet
315Kb / 16P
   Low Skew, 1-to-2 , Different ial-to-2 .5V, 3.3V LVPECL/ ECL Fanout Buffer
8S89833 IDT-8S89833_17 Datasheet
328Kb / 15P
   Low Skew, 1-To-4 Different ial-To-LVDS Fanout Buffer w/Internal Terminat ion
85311I IDT-85311I Datasheet
315Kb / 17P
   Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85408I IDT-85408I Datasheet
299Kb / 16P
   Low Skew, 1-to-8 , Different ial-to-LVDS Clock
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
   Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com