Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8533AGI-01LFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 8533AGI-01LFT
Description  Differential-to-3.3V LVPECL Fanout Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8533AGI-01LFT Datasheet(HTML) 2 Page - Integrated Device Technology

  8533AGI-01LFT Datasheet HTML 1Page - Integrated Device Technology 8533AGI-01LFT Datasheet HTML 2Page - Integrated Device Technology 8533AGI-01LFT Datasheet HTML 3Page - Integrated Device Technology 8533AGI-01LFT Datasheet HTML 4Page - Integrated Device Technology 8533AGI-01LFT Datasheet HTML 5Page - Integrated Device Technology 8533AGI-01LFT Datasheet HTML 6Page - Integrated Device Technology 8533AGI-01LFT Datasheet HTML 7Page - Integrated Device Technology 8533AGI-01LFT Datasheet HTML 8Page - Integrated Device Technology 8533AGI-01LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
8533I-01 DATA SHEET
2
REVISION A 7/9/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
kΩ
R
PULLDOWN
Input Pulldown Resistor
51
kΩ
Number
Name
Type
Description
1V
EE
Power
Negative supply pin.
2
CLK_EN
Input
Pullup
Synchronizing clock enable. When HIGH, clock outputs follow clock input.
When LOW, Q outputs are forced low, nQ outputs are forced high. LVC-
MOS / LVTTL interface levels.
3
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects differential PCLK, nPCLK inputs.
When LOW, selects CLK, nCLK inputs. LVCMOS / LVTTL interface levels.
4
CLK
Input
Pulldown Non-inverting differential clock input.
5
nCLK
Input
Pullup
Inverting differential clock input.
6
PCLK
Input
Pulldown Non-inverting differential LVPECL clock input.
7
nPCLK
Input
Pullup
Inverting differential LVPECL clock input.
8, 9
nc
Unused
No connect.
10, 13, 18
V
CC
Power
Positive supply pins.
11, 12
nQ3, Q3
Output
Differential output pair. LVPECL interface levels.
14, 15
nQ2, Q2
Output
Differential output pair. LVPECL interface levels.
16, 17
nQ1, Q1
Output
Differential output pair. LVPECL interface levels.
19, 20
nQ0, Q0
Output
Differential output pair. LVPECL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.


Similar Part No. - 8533AGI-01LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8533AGI-01LFT RENESAS-8533AGI-01LFT Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
More results

Similar Description - 8533AGI-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85314I-01 IDT-85314I-01 Datasheet
295Kb / 20P
   Differential-to-2.5V/3.3V LVPECL Fanout Buffer
ICS8533I-01 IDT-ICS8533I-01 Datasheet
217Kb / 17P
   DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER 3.3V operating supply
8533-11 IDT-8533-11 Datasheet
296Kb / 16P
   Crystal Oscillator/Differential-to-3.3V LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I Datasheet
658Kb / 19P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
November 9, 2017
logo
Integrated Device Techn...
8S89831I IDT-8S89831I_17 Datasheet
367Kb / 19P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
ICS8S58021I IDT-ICS8S58021I Datasheet
734Kb / 18P
   Differential-to-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
ICS8S58021I RENESAS-ICS8S58021I Datasheet
931Kb / 19P
   Differential-to-LVPECL/ECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com