Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8533AG-01LFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8533AG-01LFT
Description  Different ial-to-3.3V LVPECL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8533AG-01LFT Datasheet(HTML) 4 Page - Integrated Device Technology

  8533AG-01LFT Datasheet HTML 1Page - Integrated Device Technology 8533AG-01LFT Datasheet HTML 2Page - Integrated Device Technology 8533AG-01LFT Datasheet HTML 3Page - Integrated Device Technology 8533AG-01LFT Datasheet HTML 4Page - Integrated Device Technology 8533AG-01LFT Datasheet HTML 5Page - Integrated Device Technology 8533AG-01LFT Datasheet HTML 6Page - Integrated Device Technology 8533AG-01LFT Datasheet HTML 7Page - Integrated Device Technology 8533AG-01LFT Datasheet HTML 8Page - Integrated Device Technology 8533AG-01LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
8533-01 Data Sheet
©2016 Integrated Device Technology, Inc
Revision F January 19, 2016
4
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
I
EE
Power Supply Current
50
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
EE + 0.3
V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
CLK_EN
V
IN = VCC = 3.465V
5
µA
CLK_SEL
V
IN = VCC = 3.465V
150
µA
I
IL
Input Low Current
CLK_EN
V
IN = 0V, VCC = 3.465V
-150
µA
CLK_SEL
V
IN = 0V, VCC = 3.465V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
nCLK
V
CC = VIN = 3.465V
5
µA
CLK
V
CC = VIN = 3.465V
150
µA
I
IL
Input Low Current
nCLK
V
CC = 3.465V, VIN = 0V
-150
µA
CLK
V
CC = 3.465V, VIN = 0V
-5
µA
V
PP
Peak-to-Peak Input Voltage
0.15
1.3
V
V
CMR
Common Mode Input Voltage;
NOTE 1, 2
V
EE + 0.5
V
CC - 0.85
V
NOTE 1: For single ended applications, the maximum input voltage for CLK and nCLK is V
CC + 0.3V.
NOTE 2: Common mode voltage is defined as V
IH.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance, θ
JA
73.2°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.


Similar Part No. - 8533AG-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533AG-01LFT RENESAS-8533AG-01LFT Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
More results

Similar Description - 8533AG-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8534-01 IDT-8534-01 Datasheet
377Kb / 21P
   Different ial-to-3.3V LVPECL Fanout Buffer
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
85311I IDT-85311I Datasheet
315Kb / 17P
   Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85311 IDT-85311 Datasheet
315Kb / 16P
   Low Skew, 1-to-2 , Different ial-to-2 .5V, 3.3V LVPECL/ ECL Fanout Buffer
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
   1:2 Different ial-to-LVPECL Buffer/Divider
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
   Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
852911I IDT-852911I Datasheet
204Kb / 16P
   Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
853S111B IDT-853S111B_17 Datasheet
601Kb / 26P
   Low Skew Different ial-to-2 .5V, 3.3V LVPECL/ECL
85411I IDT-85411I Datasheet
228Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
85322 IDT-85322 Datasheet
160Kb / 13P
   Dual LVCMOS / LVTTL-to-Different ial 2.5V / 3.3V LVPECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com