Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8534-01 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # 8534-01
Description  Different ial-to-3.3V LVPECL Fanout Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8534-01 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button 8534-01 Datasheet HTML 13Page - Integrated Device Technology 8534-01 Datasheet HTML 14Page - Integrated Device Technology 8534-01 Datasheet HTML 15Page - Integrated Device Technology 8534-01 Datasheet HTML 16Page - Integrated Device Technology 8534-01 Datasheet HTML 17Page - Integrated Device Technology 8534-01 Datasheet HTML 18Page - Integrated Device Technology 8534-01 Datasheet HTML 19Page - Integrated Device Technology 8534-01 Datasheet HTML 20Page - Integrated Device Technology 8534-01 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
©2015 Integrated Device Technology, Inc.
Revision C, December 1, 2015
8534-01 Datasheet
Package Outline and Package Dimensions
Package Outline - Y Suffix for 64 Lead TQFP, E-Pad
Table 8. Package Dimensions for 64 Lead TQFP, E-Pad
Reference Document: JEDEC Publication 95, MS-026
JEDEC Variation: ACD
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
64
A
1.20
A1
0.05
0.10
0.15
A2
0.95
1.00
1.05
b
0.17
0.22
0.27
c
0.09
0.20
D & E
12.00 Basic
D1 & E1
10.00 Basic
D2 & E2
7.50 Ref.
D3 & E3
4.5
5.0
5.5
e
0.50 Basic
L
0.45
0.60
0.75
ccc
0.08
-HD VERSION
EXPOSED PAD DOWN


Similar Part No. - 8534-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8534-01 RENESAS-8534-01 Datasheet
707Kb / 22P
   Low Skew, 1-to-22 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
More results

Similar Description - 8534-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8533-01 IDT-8533-01 Datasheet
266Kb / 17P
   Different ial-to-3.3V LVPECL Fanout Buffer
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
85311I IDT-85311I Datasheet
315Kb / 17P
   Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85311 IDT-85311 Datasheet
315Kb / 16P
   Low Skew, 1-to-2 , Different ial-to-2 .5V, 3.3V LVPECL/ ECL Fanout Buffer
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
   1:2 Different ial-to-LVPECL Buffer/Divider
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
   Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
852911I IDT-852911I Datasheet
204Kb / 16P
   Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
853S111B IDT-853S111B_17 Datasheet
601Kb / 26P
   Low Skew Different ial-to-2 .5V, 3.3V LVPECL/ECL
85411I IDT-85411I Datasheet
228Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
85322 IDT-85322 Datasheet
160Kb / 13P
   Dual LVCMOS / LVTTL-to-Different ial 2.5V / 3.3V LVPECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com