![]() |
Electronic Components Datasheet Search |
|
8533AG-01LF Datasheet(PDF) 6 Page - Integrated Device Technology |
|
8533AG-01LF Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 17 page ![]() 8533-01 Data Sheet ©2016 Integrated Device Technology, Inc Revision F January 19, 2016 6 ADDITIVE PHASE JITTER Input/Output Additive Phase Jit- ter at 156.25MHz = 0.06ps (typical) 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 -190 1k 10k 100k 1M 10M 100M The spectral purity in a band at a specific offset from the fun- damental compared to the power of the fundamental is called the dBc Phase Noise. This value is normally expressed using a Phase noise plot and is most often the specified plot in many applications. Phase noise is defined as the ratio of the noise power present in a 1Hz band at a specified offset from the fun- damental frequency to the power value of the fundamental.This ratio is expressed in decibels (dBm) or a ratio of the power in the As with most timing specifications, phase noise measurements have issues. The primary issue relates to the limitations of the equipment. Often the noise floor of the equipment is higher than the noise floor of the device. This is illustrated above. The 1Hz band to the power in the fundamental. When the required offset is specified, the phase noise is called a dBc value, which simply means dBm at a specified offset from the fundamental. By investigating jitter in the frequency domain, we get a better understanding of its effects on the desired application over the entire time record of the signal. It is mathematically possible to calculate an expected bit error rate given a phase noise plot. device meets the noise floor of what is shown, but can actually be lower.The phase noise is dependant on the input source and measurement equipment. OFFSET FROM CARRIER FREQUENCY (HZ) |
Similar Part No. - 8533AG-01LF |
|
Similar Description - 8533AG-01LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |