Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8533AG-01LN Datasheet(PDF) 10 Page - Integrated Device Technology

Part No. 8533AG-01LN
Description  Different ial-to-3.3V LVPECL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8533AG-01LN Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 8533AG-01LN Datasheet HTML 6Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 7Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 8Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 9Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 10Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 11Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 12Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 13Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8533-01 Data Sheet
©2016 Integrated Device Technology, Inc
Revision F January 19, 2016
10
LVPECL CLOCK INPUT INTERFACE
The PCLK /nPCLK accepts LVPECL, CML, SSTL and other
differential signals. Both VSWING and VOH must meet the VPP and
VCMR input requirements. Figures 5A to 5F show interface ex-
amples for the PCLK/nPCLK input driven by the most common
driver types. The input interfaces suggested here are examples
only. If the driver is from another vendor, use their termination
recommendation. Please consult with the vendor of the driver
component to confirm the driver
termination requirements.
FIGURE 5A. PCLK/nPCLK INPUT DRIVEN
BY AN
OPEN COLLECTOR CML DRIVER
FIGURE 5B. PCLK/nPCLK INPUT DRIVEN
BY A
BUILT-IN PULLUP CML DRIVER
FIGURE 5C. PCLK/nPCLK INPUT DRIVEN
BY A
3.3V LVPECL DRIVER
FIGURE 5F. PCLK/nPCLK INPUT DRIVEN
BY A
3.3V LVDS DRIVER
PCLK/nPCLK
2.5V
Zo = 60 Ohm
SSTL
HiPerClockS
PCLK
nPCLK
R2
120
3.3V
R3
120
Zo = 60 Ohm
R1
120
R4
120
2.5V
FIGURE 5E. PCLK/nPCLK INPUT DRIVEN
BY AN
SSTL DRIVER
HiPerClockS
PCLK
nPCLK
PCLK/nPCLK
3.3V
R2
50
R1
50
3.3V
Zo = 50 Ohm
CML
3.3V
Zo = 50 Ohm
3.3V
HiPerClockS
PCLK
nPCLK
R2
84
R3
125
Input
Zo = 50 Ohm
R4
125
R1
84
LVPECL
3.3V
3.3V
Zo = 50 Ohm
C2
R2
1K
R5
100
Zo = 50 Ohm
3.3V
3.3V
C1
R3
1K
LVDS
R4
1K
HiPerClockS
PCLK
nPCLK
R1
1K
Zo = 50 Ohm
3.3V
PCLK/nPCLK
3.3V
R5
100 - 200
3.3V
3.3V
HiPerClockS
PCLK
nPCLK
R1
125
PCLK/nPCLK
R2
125
R3
84
C1
C2
Zo = 50 Ohm
R4
84
Zo = 50 Ohm
R6
100 - 200
3.3V LVPECL
FIGURE 5D. PCLK/nPCLK INPUT DRIVEN
BY A
3.3V LVPECL DRIVER WITH AC COUPLE


Similar Part No. - 8533AG-01LN

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - 8533AG-01LN

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
8534-01 IDT-8534-01 Datasheet
377Kb / 21P
   Different ial-to-3.3V LVPECL Fanout Buffer
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
85311I IDT-85311I Datasheet
315Kb / 17P
   Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85311 IDT-85311 Datasheet
315Kb / 16P
   Low Skew, 1-to-2 , Different ial-to-2 .5V, 3.3V LVPECL/ ECL Fanout Buffer
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
   1:2 Different ial-to-LVPECL Buffer/Divider
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
   Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
852911I IDT-852911I Datasheet
204Kb / 16P
   Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
8533I-01 IDT-8533I-01 Datasheet
350Kb / 18P
   Differential-to-3.3V LVPECL Fanout Buffer
85411I IDT-85411I Datasheet
228Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
853S111B IDT-853S111B_17 Datasheet
601Kb / 26P
   Low Skew Different ial-to-2 .5V, 3.3V LVPECL/ECL
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz