Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8533AG-01LN Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 8533AG-01LN
Description  Different ial-to-3.3V LVPECL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8533AG-01LN Datasheet(HTML) 5 Page - Integrated Device Technology

  8533AG-01LN Datasheet HTML 1Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 2Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 3Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 4Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 5Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 6Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 7Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 8Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
8533-01 Data Sheet
©2016 Integrated Device Technology, Inc
Revision F January 19, 2016
5
TABLE 4D. LVPECL DC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 5. AC CHARACTERISTICS, V
CC = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
PCLK
V
CC = VIN = 3.465V
150
µA
nPCLK
V
CC = VIN = 3.465V
5
µA
I
IL
Input Low Current
PCLK
V
CC = 3.465V, VIN = 0V
-5
µA
nPCLK
V
CC = 3.465V, VIN = 0V
-150
µA
V
PP
Peak-to-Peak Input Voltage
0.3
1
V
V
CMR
Common Mode Input Voltage; NOTE 1, 2
V
EE + 1.5
V
CC
V
V
OH
Output High Voltage; NOTE 3
V
CC - 1.4
V
CC - 0.9
V
V
OL
Output Low Voltage; NOTE 3
V
CC - 2.0
V
CC - 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
NOTE 1: Common mode voltage is defined as V
IH.
NOTE 2: For single ended applications the maximum input voltage for PCLK and nPCLK is V
CC + 0.3V.
NOTE 3: Outputs terminated with 50Ω to V
CC - 2V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
650
MHz
t
PD
Propagation Delay; NOTE 1
ƒ ≤ 650MHz
1.0
1.4
ns
tsk(o)
Output Skew; NOTE 2, 4
30
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
150
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter section,
NOTE 5
0.06
ps
t
R / tF
Output Rise/Fall Time
20% to 80% @ 50MHz
300
700
ps
odc
Output Duty Cycle
47
53
%
All parameters measured at 500MHz unless noted otherwise.
The cycle to cycle jitter on the input will equal the jitter on the output. The part does not add jitter.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at output differential cross points.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 5: Driving only one input clock.


Similar Part No. - 8533AG-01LN

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
8533AG-01LN RENESAS-8533AG-01LN Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
8533AG-01LNT RENESAS-8533AG-01LNT Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
More results

Similar Description - 8533AG-01LN

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
8534-01 IDT-8534-01 Datasheet
377Kb / 21P
   Different ial-to-3.3V LVPECL Fanout Buffer
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
85311I IDT-85311I Datasheet
315Kb / 17P
   Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85311 IDT-85311 Datasheet
315Kb / 16P
   Low Skew, 1-to-2 , Different ial-to-2 .5V, 3.3V LVPECL/ ECL Fanout Buffer
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
   1:2 Different ial-to-LVPECL Buffer/Divider
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
   Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
852911I IDT-852911I Datasheet
204Kb / 16P
   Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
8533I-01 IDT-8533I-01 Datasheet
350Kb / 18P
   Differential-to-3.3V LVPECL Fanout Buffer
85411I IDT-85411I Datasheet
228Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
853S111B IDT-853S111B_17 Datasheet
601Kb / 26P
   Low Skew Different ial-to-2 .5V, 3.3V LVPECL/ECL
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com