Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8533AG-01LN Datasheet(PDF) 16 Page - Integrated Device Technology

Part No. 8533AG-01LN
Description  Different ial-to-3.3V LVPECL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8533AG-01LN Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 8533AG-01LN Datasheet HTML 9Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 10Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 11Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 12Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 13Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 14Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 15Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 16Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
8533-01 Data Sheet
©2016 Integrated Device Technology, Inc
Revision F January 19, 2016
16
REVISION HISTORY SHEET
Rev
Table
Page
Description of Change
Date
B
4C
4D
5
4
5
5
V
PP values changed from 0.1 Min. to 0.15 Min.
V
CMR values changed from 0.13 Min., 1.3 Max. to 1.5 Min, VCC Max.
Deleted V
IH and VIL rows.
t
R values changed from 100 Min. to 300 Min, and added 700 Max.
t
F values changed from 100 Min., 600 Max. to 300 Min. to 700 Max.
For t
R and tF rows changed test conditions from 30% to 70% to 20% to 80%.
tjit(cc) values changed 150 Max. to 0 Max.
5/22/01
B
55
Deleted t
S and tH rows.
6/4/01
B
4D
5
V
PP values changed from 0.15 Min., 1.3 Max. to 0.3 Min., 1 Max.
V
CMR values changed from 1.5 Min., to VEE + 1.5 Min.
6/28/01
C
4B
5
4
5
V
IH values changed from 3.765 Max. to VCC + 0.3 Max.
Deleted tjit(cc) row.
10/15/01
C
6, 7
Revised Parameter Measurement diagrams.
10/18/01
C
3
Updated Figure 1, CLK_EN Timing Diagram.
11/1/01
C
8
Added Termination for LVPECL Outputs section.
5/28/02
C
6
Output Load Test Circuit diagram - corrected VEE equation to read,
V
EE = -1.3V ± 0.165V from VEE = -1.3V ± 0.135V.
10/03/02
D
T2
T4D
T5
1
2
4
5
5
6
8
9
10
Added RMS Jitter to Features section.
Pin Characteristics Table - changed C
IN 4pF max. to 4pF typical.
Changed Outputs Absolute Maximum Rating.
LVPECL Table - changed VSWING 0.85V max. to 1.0V max.
AC Characteristics Table - added RMS jitter.
Added Additive Phase Jitter Section.
Updated LVPECL Output Termination diagrams.
Added Differential Clock Input Interface.
Added LVPECL Clock Input Interface.
Updated format throughout data sheet.
10/12/03
D
T9
15
Added Lead Free Annealed part number to Ordering Information table.
2/9/04
D
T9
10
15
Updated LVPECL Clock Input Interface section.
Ordering Information Table - added Lead Free part number.
6/17/04
E
T4D
T9
5
11 - 12
15
LVPECL DC Characteristics Table -corrected V
OH max. from VCC - 1.0V to
V
CC- 0.9V.
Power Considerations - corrected power dissipation to reflect V
OH max in Table
4D.
Ordering Information Table - added lead-free note.
4/12/07
FT9
15
17
Updated datasheet’s header/footer with IDT from ICS.
Removed ICS prefix from Part/Order Number column.
Added Contact Page.
8/4/10
F
T9
15
Removed ICS from part numbers where needed.
Ordering Information - removed quantity in tape and reel. Deleted LF note below
table.
Updated header and footer
1/19/16


Similar Part No. - 8533AG-01LN

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - 8533AG-01LN

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
8534-01 IDT-8534-01 Datasheet
377Kb / 21P
   Different ial-to-3.3V LVPECL Fanout Buffer
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
85311I IDT-85311I Datasheet
315Kb / 17P
   Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85311 IDT-85311 Datasheet
315Kb / 16P
   Low Skew, 1-to-2 , Different ial-to-2 .5V, 3.3V LVPECL/ ECL Fanout Buffer
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
   1:2 Different ial-to-LVPECL Buffer/Divider
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
   Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
852911I IDT-852911I Datasheet
204Kb / 16P
   Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
8533I-01 IDT-8533I-01 Datasheet
350Kb / 18P
   Differential-to-3.3V LVPECL Fanout Buffer
85411I IDT-85411I Datasheet
228Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
853S111B IDT-853S111B_17 Datasheet
601Kb / 26P
   Low Skew Different ial-to-2 .5V, 3.3V LVPECL/ECL
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz