Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8533AG-01LN Datasheet(PDF) 15 Page - Integrated Device Technology

Part No. 8533AG-01LN
Description  Different ial-to-3.3V LVPECL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8533AG-01LN Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 8533AG-01LN Datasheet HTML 9Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 10Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 11Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 12Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 13Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 14Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 15Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 16Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
8533-01 Data Sheet
©2016 Integrated Device Technology, Inc
Revision F January 19, 2016
15
TABLE 9. ORDERING INFORMATION
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
8533AG-01LN
ICS8533A01LN
20 lead “Lead Free Annealed” TSSOP
Tube
0°C to +70°C
8533AG-01LNT
ICS8533A01LN
20 lead “Lead Free Annealed” TSSOP
Tape and Reel
0°C to +70°C
8533AG-01LF
ICS8533A01LF
20 lead “Lead Free” TSSOP
Tube
0°C to +70°C
8533AG-01LFT
ICS8533A01LF
20 lead “Lead Free” TSSOP
Tape and Reel
0°C to +70°C


Similar Part No. - 8533AG-01LN

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - 8533AG-01LN

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
8534-01 IDT-8534-01 Datasheet
377Kb / 21P
   Different ial-to-3.3V LVPECL Fanout Buffer
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
85311I IDT-85311I Datasheet
315Kb / 17P
   Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85311 IDT-85311 Datasheet
315Kb / 16P
   Low Skew, 1-to-2 , Different ial-to-2 .5V, 3.3V LVPECL/ ECL Fanout Buffer
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
   1:2 Different ial-to-LVPECL Buffer/Divider
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
   Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
852911I IDT-852911I Datasheet
204Kb / 16P
   Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
8533I-01 IDT-8533I-01 Datasheet
350Kb / 18P
   Differential-to-3.3V LVPECL Fanout Buffer
85411I IDT-85411I Datasheet
228Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
853S111B IDT-853S111B_17 Datasheet
601Kb / 26P
   Low Skew Different ial-to-2 .5V, 3.3V LVPECL/ECL
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz