Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853S024 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 853S024
Description  LVPECL Fanout Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S024 Datasheet(HTML) 5 Page - Integrated Device Technology

  853S024_11 Datasheet HTML 1Page - Integrated Device Technology 853S024_11 Datasheet HTML 2Page - Integrated Device Technology 853S024_11 Datasheet HTML 3Page - Integrated Device Technology 853S024_11 Datasheet HTML 4Page - Integrated Device Technology 853S024_11 Datasheet HTML 5Page - Integrated Device Technology 853S024_11 Datasheet HTML 6Page - Integrated Device Technology 853S024_11 Datasheet HTML 7Page - Integrated Device Technology 853S024_11 Datasheet HTML 8Page - Integrated Device Technology 853S024_11 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ICS853S024AY REVISION A JULY 20, 2011
5
©2011 Integrated Device Technology, Inc.
ICS853S024 Data Sheet
LOW SKEW, 1-TO-24, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
Additive Phase Jitter
The spectral purity in a band at a specific offset from the fundamental
compared to the power of the fundamental is called the dBc Phase
Noise.
This value is normally expressed using a Phase noise plot
and is most often the specified plot in many applications. Phase noise
is defined as the ratio of the noise power present in a 1Hz band at a
specified offset from the fundamental frequency to the power value of
the fundamental. This ratio is expressed in decibels (dBm) or a ratio
of the power in the 1Hz band to the power in the fundamental. When
the required offset is specified, the phase noise is called a dBc value,
which simply means dBm at a specified offset from the fundamental.
By investigating jitter in the frequency domain, we get a better
understanding of its effects on the desired application over the entire
time record of the signal. It is mathematically possible to calculate an
expected bit error rate given a phase noise plot.
As with most timing specifications, phase noise measurements has
issues relating to the limitations of the equipment. Often the noise
floor of the equipment is higher than the noise floor of the device. This
is illustrated above. The device meets the noise floor of what is
shown, but can actually be lower. The phase noise is dependent on
the input source and measurement equipment.
Measured usng a Rohde & Schwarz SMA100 as the input source.
Additive Phase Jitter @ 156.25MHz
12kHz to 20MHz = 0.15ps (typical)
Offset from Carrier Frequency (Hz)


Similar Part No. - 853S024_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S024AYLF IDT-853S024AYLF Datasheet
748Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
853S024AYLFT IDT-853S024AYLFT Datasheet
748Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
More results

Similar Description - 853S024_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
   LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
   LVPECL Fanout Buffer
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
   LVPECL Fanout Buffer
8SLVP1204 IDT-8SLVP1204_18 Datasheet
580Kb / 24P
   LVPECL Output Fanout Buffer
853S011BI IDT-853S011BI_16 Datasheet
315Kb / 20P
   LVPECL/ ECL Fanout Buffer
8SLVP1104I IDT-8SLVP1104I_18 Datasheet
458Kb / 21P
   LVPECL Output Fanout Buffer
logo
Diodes Incorporated
PI6C5912016-01 DIODES-PI6C5912016-01 Datasheet
1Mb / 12P
   16Output LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS853S031I IDT-ICS853S031I Datasheet
1,005Kb / 22P
   LVPECL/ECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com