Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH23 Datasheet(PDF) 6 Page - Hirose Electric

Part # FH23
Description  0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH23 Datasheet(HTML) 6 Page - Hirose Electric

Back Button FH23 Datasheet HTML 2Page - Hirose Electric FH23 Datasheet HTML 3Page - Hirose Electric FH23 Datasheet HTML 4Page - Hirose Electric FH23 Datasheet HTML 5Page - Hirose Electric FH23 Datasheet HTML 6Page - Hirose Electric FH23 Datasheet HTML 7Page - Hirose Electric FH23 Datasheet HTML 8Page - Hirose Electric FH23 Datasheet HTML 9Page - Hirose Electric FH23 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
60
0.6 ±0.02
0.3 ±0.07
C±0.03
0.3±0.07
G±0.05
0.2±0.03
( 0.2 )
0.3
0.4
(0.07)
(0.2)
(0.05)
( 0.1 )
(0.2 conductor width)
(0.1 between conductors)
0.6±0.02
0.6±0.07
B±0.03
0.3±0.02
+0.04
-0.03
+0.04
-0.03
4
+0.04
- 0.03
4
Polyamide and thermally hardening adhesive is recommended as the materials for the stiffener.
0.3
also permitted when drawing plated leads.
5
BRecommended FPC Dimensions
BPackaging Specification
qEmbossed Carrier Tape Dimensions(Tape width of 24 mm max.)
04.5
05.1
06.3
07.5
08.1
09.3
09.9
11.7
13.5
15.3
16.5
24.5
Unit: mm
Part Number
FH23-15S-0.3SHW
FH23-15S-0.3SHAW
FH23-17S-0.3SHW
FH23-17S-0.3SHAW
FH23-21S-0.3SHW
FH23-21S-0.3SHAW
FH23-25S-0.3SHW
FH23-25S-0.3SHAW
FH23-27S-0.3SHW
FH23-27S-0.3SHAW
FH23-31S-0.3SHW
FH23-31S-0.3SHAW
FH23-33S-0.3SHW
FH23-33S-0.3SHAW
FH23-39S-0.3SHW
FH23-39S-0.3SHAW
FH23-45S-0.3SHW
FH23-45S-0.3SHAW
FH23-51S-0.3SHW
FH23-51S-0.3SHAW
586-1317-0
586-1316-7
586-1300-7
586-1301-0
586-1314-1
586-1315-4
586-1322-0
586-1323-2
586-1308-9
586-1309-1
586-1302-2
586-1303-5
586-1304-8
586-1305-0
586-1306-3
586-1307-6
586-1318-2
586-1319-5
586-1312-6
586-1313-9
15
17
21
25
27
31
33
39
45
51
16
24
07.5
11.5
07.3
07.9
09.1
10.3
10.9
12.1
12.7
14.5
16.3
18.1
05.1
05.7
06.9
08.1
08.7
09.9
10.5
12.3
14.1
15.9
CL No.
Number of Contacts
H
K
L
M
N
Q
12±0.1
4±0.1
2±0.15
(0.3)
Unreeling direction
(1.7)
(5.1)
(2.45)
(0.85)(0.5)
Flat surface for placement
with Automatic equipment


Similar Part No. - FH23

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23-15S-0.3SHAW HIROSE-FH23-15S-0.3SHAW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-17S-0.3SHAW HIROSE-FH23-17S-0.3SHAW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-17S-0.3SHW HIROSE-FH23-17S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-21S-0.3SHAW HIROSE-FH23-21S-0.3SHAW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
More results

Similar Description - FH23

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com