Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE8374 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE8374
Description  Integrated Circuit Seven-Segment Latch/Decoder/Driver for Common Anode LED?셲
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE8374 Datasheet(HTML) 1 Page - NTE Electronics

  NTE8374 Datasheet HTML 1Page - NTE Electronics NTE8374 Datasheet HTML 2Page - NTE Electronics NTE8374 Datasheet HTML 3Page - NTE Electronics NTE8374 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE8374
Integrated Circuit
Seven–Segment Latch/Decoder/Driver for Common Anode LED’s
Description:
The NTE 8374 is a 7–segment decoder driver in a 16–Lead DIP type package incorporating input
latches and output circuits to directly drive common anode LED displays.
Features:
D High speed input latches for data storage
D 15mA constant current sink capability to directly drive common anode led displays
D Increases incandescent display life
D Active low latch enable for easy interface with MSI circuits
D Data input loading essentially zero when latch disabled
D Automatic ripple blanking for suppression of leading and/or trailing–edge zeroes.
Input Loading/Fan–Out:
Description
Pin Name
High
Low
Address (Data) Inputs,
A0 – A3
1.0
0.25 (Note 1)
Latch Enable Input (Active LOW)
LE
0.5
0.25
Ripple Blanking Input (Active LOW)
RBI
0.5
0.25
Ripple Blanking as Output (Active LOW)
RBO
1.0
0.5
Ripple Blanking as Input (Active LOW)
RBO
0.75
Constant Current Outputs (Active LOW)
a – g
Open Collector
15mA
Note 1. Except Loading is 10
µA @ 0.4V when LE is HIGH.
Absolute Maximum Ratings:
Input Voltage
–0.5V to +5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current
–30mA to +5.0mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage Applied to Outputs in HIGH State:
Standard TTL
–0.5V to VCC value
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Open Collector
–0.5V to +7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC Pin Potential to GND Pin
–0.5V to +7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current Applied to Output in LOW State (Max)
twice the rated IOL
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient Temperature Range Under Bias
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature Range Under Bias
–55
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions:
Supply Voltage
+4.75V to +5.25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Free Air Ambient Temperature
0
°C to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE8374

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE832 NTE-NTE832 Datasheet
23Kb / 3P
   Integrated Circuit Tone Decoder
NTE832SM NTE-NTE832SM Datasheet
23Kb / 3P
   Integrated Circuit Tone Decoder
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
NTE834SM NTE-NTE834SM Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
NTE836 NTE-NTE836 Datasheet
18Kb / 2P
   Linear Integrated Circuit TV Horizontal Processor
More results

Similar Description - NTE8374

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2032 NTE-NTE2032 Datasheet
23Kb / 3P
   Integrated Circuit BCD-to-Seven-Segment Decoder Driver
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B Datasheet
185Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD74HC4511 HITACHI-HD74HC4511 Datasheet
59Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Micro Electronics
MMC4511 MICRO-ELECTRONICS-MMC4511 Datasheet
179Kb / 6P
   BCD-TO SEVEN SEGMENT LATCH DECODER/ DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com