Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK612-Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SK612-Z
Description  MOS Field Effect Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SK612-Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SK612-Z Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SK612-Z Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2SK612-Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK610 ISC-2SK610 Datasheet
64Kb / 2P
   Drain Source Voltage-: VDSS= 400V(Min)
logo
NEC
2SK611 NEC-2SK611 Datasheet
290Kb / 4P
   MOS FIELD EFFECT POWER TRANSISTOR
logo
VBsemi Electronics Co.,...
2SK611 VBSEMI-2SK611 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Panasonic Semiconductor
2SK614 PANASONIC-2SK614 Datasheet
34Kb / 2P
   Silicon N-Channel MOS FET
2SK614 PANASONIC-2SK614 Datasheet
74Kb / 3P
   For switching
More results

Similar Description - 2SK612-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SK1498 ETC-2SK1498 Datasheet
93Kb / 2P
   MOS Field Effect Power Transistors
2SJ133 ETC-2SJ133 Datasheet
89Kb / 2P
   MOS Field Effect Power Transistors
2SJ141 ETC-2SJ141 Datasheet
99Kb / 2P
   MOS Field Effect Power Transistors
RFM25N05 ETC-RFM25N05 Datasheet
235Kb / 4P
   POWER MOS FIELD EFFECT TRANSISTORS
2SJ137 ETC-2SJ137 Datasheet
100Kb / 2P
   MOS Field Effect Power Transistors
logo
New Jersey Semi-Conduct...
2N6898 NJSEMI-2N6898 Datasheet
284Kb / 2P
   POWER MOS FIELD-EFFECT TRANSISTORS
logo
Guangdong Kexin Industr...
2SJ325 KEXIN-2SJ325 Datasheet
53Kb / 2P
   MOS Field Effect Power Transistors
logo
New Jersey Semi-Conduct...
RFK35N10 NJSEMI-RFK35N10 Datasheet
82Kb / 2P
   Power MOS Field-Effect Transistors
logo
Renesas Technology Corp
UPA1702 RENESAS-UPA1702 Datasheet
226Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTORS
1996
2SK2136 RENESAS-2SK2136 Datasheet
564Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTORS
1993
logo
List of Unclassifed Man...
RFH30N12 ETC-RFH30N12 Datasheet
432Kb / 8P
   POWER MOS FIELD EFFECT TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com