Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE834 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE834
Description  Integrated Circuit Low Power Low Offset Voltage Comparator
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE834 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE834 & NTE834SM
Integrated Circuit
Low Power Low Offset Voltage Comparator
Description:
The NTE834 and NTE834SM are precision voltage comparators designed to operate from a single
power supply over a wide range of voltages. Operation from split power supplies is also possible and
the low power supply current drain is independent of the magnitude of the power supply voltage.
These comparators also has a unique characteristic in that the input common–mode voltage range
includes GND, even though operated from a single power supply voltage.
Features:
D Wide Single Supply Voltage Range: 2V to 36V
D Very Low Supply Current Drain: 0.8mA Typ
D Low Input Biasing Current: 25nA
D Low Offset Voltage: ±3mV
D Low Input Offset Current: ±5nA
D Output Voltage Compatible with TTL, DTL, ECL, MOS, and CMOS Logic Systems
D Available in Standard 14–Lead DIP (NTE834) and Surface Mount SOIC–14 (NTE834SM)
Applications:
D Limit Comparators
D Simple Analog to Digital Converters
D Pulse, Squarewave, and Time Delay Generators
Absolute Maximum Ratings:
Supply Voltage, V+
36V or
±18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage
±36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage
–0.3V to +36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Note 1), PD
775mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate above +25
°C
6.2mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short–Circuit to GND (Note 2)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current (VIN < –0.3V, Note 3)
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 10 seconds), TL
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn