Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE824 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE824
Description  Integrated Circuit Low Noise Dual Preamplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE824 Datasheet(HTML) 2 Page - NTE Electronics

  NTE824 Datasheet HTML 1Page - NTE Electronics NTE824 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = +25°C, VCC = 14V, unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Voltage Gain
Open Loop, f = 100Hz
160,000
Supply Current
VCC = 9V to 30V, RL = ∞
10
mA
Input Resistance
Positive Input
50
100
k
Negative Input
200
k
Input Current, Negative Input
0.5
3.1
µA
Output Resistance
Open Loop
150
Output Current
Source
8
mA
Sink
2
mA
Output Voltage Swing
Peak–to–Peak
VCC–2
V
Unity Gain Bandwidth
15
MHz
Large Signal Frequency Response
20VP–P (VCC > 24V), THD ≤ 1%
75
kHz
Maximum Input Voltage
Linear Operation
300
mVrms
Supply Rejection Ratio Input Referred
f = 1kHz
110
dB
Channel Separation
f = 1kHz
40
60
dB
Total Harmonic Distortion
60dB Gain, f = 1kHz
0.1
0.5
%
Total Equivalent Input Noise (Flat Gain Circuit)
10 to 10,000Hz
1.0
1.2
µVrms
VCC
14
.260 (6.6)
.390
(9.9)
Max
85
.155
(3.93)
.145 (3.68)
.300
(7.62)
.300 (7.62)
.100 (2.54)
(+) Input 2
1
2
3
4
(+) Input 1
(–) Input 1
GND
Output 1
8
7
5
(–) Input 2
Output 2
Pin Connection Diagram
6


Similar Part No. - NTE824

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8242 NTE-NTE8242 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
NTE8242 NTE-NTE8242 Datasheet
55Kb / 1P
   Thermal Cutoff
More results

Similar Description - NTE824

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPC1032H ETC1-UPC1032H Datasheet
336Kb / 5P
   DUAL LOW NOISE PREAMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NEC
UPC1313HA NEC-UPC1313HA Datasheet
1Mb / 27P
   LOW NOISE DUAL PREAMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE1103 NTE-NTE1103 Datasheet
22Kb / 2P
   Integrated Circuit General Purpose, Low Noise Preamplifier
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
   Low Noise Dual Preamplifier
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
   LOW NOISE DUAL PREAMPLIFIER
logo
NTE Electronics
NTE1659 NTE-NTE1659 Datasheet
21Kb / 2P
   Integrated Circuit Dual AF Preamplifier
logo
List of Unclassifed Man...
NE542 ETC1-NE542 Datasheet
267Kb / 4P
   DUAL LOW - NOISE PREAMPLIFIER
logo
Texas Instruments
LM387 TI1-LM387 Datasheet
370Kb / 6P
[Old version datasheet]   Low Noise Dual Preamplifier
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
   DUAL VERY LOW NOISE PREAMPLIFIER
logo
NTE Electronics
NTE1523 NTE-NTE1523 Datasheet
18Kb / 2P
   Integrated Circuit Dual, Low Noise Preamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com