Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2343 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2343
Description  DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2343 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2343 Datasheet HTML 14Page - Texas Instruments TPS2343 Datasheet HTML 15Page - Texas Instruments TPS2343 Datasheet HTML 16Page - Texas Instruments TPS2343 Datasheet HTML 17Page - Texas Instruments TPS2343 Datasheet HTML 18Page - Texas Instruments TPS2343 Datasheet HTML 19Page - Texas Instruments TPS2343 Datasheet HTML 20Page - Texas Instruments TPS2343 Datasheet HTML 21Page - Texas Instruments TPS2343 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
TPS2343
SLUS644B − FEBRUARY 2005 − MAY 2005
18
www.ti.com
APPLICATION INFORMATION
3VAUX Supply Control
The TPS2343 3VAUX supply is completely independent of the main supply. Supply status and faults on main
supplies have no effect on 3VAUX and faults on 3VAUX have no effect on main supply operation.
The TPS2343 uses internal power MOSFETs for the 3VAUX supply and voltage multiplying charge pumps to
drive the gates of the power MOSFETs to 8 V. Inrush current for the 3VAUX supply is controlled because the
slew rate of the 3VAUX supply is limited. This slew rate is set by the capacitor from 3VAUXGx to AGND. Slew
rate can be estimated as:
dV
dt
+
I
GATE
C
3VAUXGx
where C3VAUXGx is the capacitor from 3VAUXGx to AGND and IGATE is the 3VAUXG gate charge current.
Inrush current caused by this slewing and any adapter card load capacitance can be estimated as:
PCI specifications allow for 3.3VAUX supply adapter card bulk capacitance of up to 150
µF. This load
capacitance causes additional inrush current of:
I
INRUSH + CLOAD
dV
dt
+ C
LOAD
5
mA
C
3VAUXGx
Using the recommended value for C3VAUXGx = 0.022 µF and the typical value for IGATE = 5 µA, average inrush
current can be estamated as:
I
RUSH + 150 mF
5
mA
0.022
mF +
0.034 A
The 3VAUXx current-sense threshold is internally set and can not be adjusted.
When main power is applied to the TPS2343, all gates are actively held low. When main power is removed,
leakage current can potentially raise gate voltage, but because main power is not applied, no malfunction
occurs. This is noted here as floating gates may be observed during bench testing, but ths is not an application
problem.


Similar Part No. - TPS2343

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2343 TI1-TPS2343 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343DDP TI1-TPS2343DDP Datasheet
1Mb / 40P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343DDPG3 TI1-TPS2343DDPG3 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343DDPR TI1-TPS2343DDPR Datasheet
1Mb / 40P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI1-TPS2343_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
More results

Similar Description - TPS2343

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2342 TI-TPS2342 Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI1-TPS2343_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2342 TI1-TPS2342_15 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
   Dual-Slot PCI Express짰 Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com