Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1268 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1268
Description  500mA Fixed Output, Fast Response CMOS LDO with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1268 Datasheet(HTML) 5 Page - Microchip Technology

  TC1268 Datasheet HTML 1Page - Microchip Technology TC1268 Datasheet HTML 2Page - Microchip Technology TC1268 Datasheet HTML 3Page - Microchip Technology TC1268 Datasheet HTML 4Page - Microchip Technology TC1268 Datasheet HTML 5Page - Microchip Technology TC1268 Datasheet HTML 6Page - Microchip Technology TC1268 Datasheet HTML 7Page - Microchip Technology TC1268 Datasheet HTML 8Page - Microchip Technology TC1268 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21379B-page 5
TC1268
3.2
Bypass Input
A 10nF capacitor connected from the bypass input to
ground
reduces
noise
present
on
the
internal
reference, which in turn, significantly reduces output
noise. If output noise is not a concern, this input may be
left unconnected. Larger capacitor values may be
used, but this results in a longer time period to achieve
the rated output voltage, once power is initially applied.
3.3
Output Capacitor
A1
µF (min) capacitor from VOUT to ground is required.
The output capacitor should have an effective series
resistance greater than 0.1
Ω and less than 5Ω, and a
resonant frequency above 1MHz. A 1
µF capacitor
should be connected from VIN to GND if there is more
than 10 inches of wire between the regulator and the
AC filter capacitor, or if a battery is used as the power
source. Aluminum electrolytic or tantalum capacitor
types can be used. (Since many aluminum electrolytic
capacitors
freeze
at
approximately
-30°C,
solid
tantalums are recommended for applications operating
below -25°C.) When operating from sources other than
batteries,
supply
noise
rejection
and
transient
response can be improved by increasing the value of
the input and output capacitors and employing passive
filtering techniques.
3.4
ERROR Output
ERROR is driven low whenever VOUT falls out of
regulation by more than -5% (typical). This condition
may be caused by low input voltage, output current
limiting, or thermal limiting.
The ERROR threshold is 5% below rated VOUT,
regardless of the programmed output voltage value
(e.g., ERROR =VOL at 2.375V (typ.) for a 2.5V
regulator). ERROR output operation is shown in
Figure 3-3. Note that ERROR is active when VOUT is at
or below VTH, and inactive when VOUT is above VTH +
VH.
As shown in Figure 3-1, ERROR canbeusedas a
battery low flag, or as a processor RESET signal (with
the addition of timing capacitor C1). R1 x C1 should be
chosen to maintain ERROR below VIH of the processor
RESET input for at least 200msec to allow time for the
system to stabilize. Pull-up resistor R1 can be tied to
VOUT,VIN or any other voltage less than (VIN +0.3V).
FIGURE 3-3:
ERROR OUTPUT
OPERATION
VOUT
VTH
VIH
Hysteresis (VH)
VOL
ERROR


Similar Part No. - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC126 MICROCHIP-TC126 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
More results

Similar Description - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com