Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGP7NB60FD Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGP7NB60FD
Description  N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7NB60FD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGP7NB60FD Datasheet HTML 3Page - STMicroelectronics STGP7NB60FD Datasheet HTML 4Page - STMicroelectronics STGP7NB60FD Datasheet HTML 5Page - STMicroelectronics STGP7NB60FD Datasheet HTML 6Page - STMicroelectronics STGP7NB60FD Datasheet HTML 7Page - STMicroelectronics STGP7NB60FD Datasheet HTML 8Page - STMicroelectronics STGP7NB60FD Datasheet HTML 9Page - STMicroelectronics STGP7NB60FD Datasheet HTML 10Page - STMicroelectronics STGP7NB60FD Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
STGP7NB60FD - STGB7NB60FD
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
© http://www.st.com


Similar Part No. - STGP7NB60FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
   N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
More results

Similar Description - STGP7NB60FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
STGP7NB60HD STMICROELECTRONICS-STGP7NB60HD Datasheet
103Kb / 9P
   N-CHANNEL 7A - 600V TO-220/FP PowerMESH IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGF19NC60WD STMICROELECTRONICS-STGF19NC60WD Datasheet
315Kb / 14P
   N-channel 600V - 7A - TO-220 Ultra fast PowerMESH IGBT
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
June 2003
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
   N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
   N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com