Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE821 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE821
Description  Integrated Circuit TV Chroma Demodulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE821 Datasheet(HTML) 3 Page - NTE Electronics

  NTE821 Datasheet HTML 1Page - NTE Electronics NTE821 Datasheet HTML 2Page - NTE Electronics NTE821 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VCC
.600 (15.24)
17
14
8
.300 (7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95) Max
Pin Connection Diagram
B – Y Output
1
2
3
4
N.C.
N.C.
Chroma Input
Chroma Input
5
N.C.
6
Ref Subcarrier
7
Ref Subcarrier
14
13
12
11
GND
N.C.
R – Y Output
10 N.C.
9
G – Y Output
8


Similar Part No. - NTE821

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8212 NTE-NTE8212 Datasheet
28Kb / 4P
   Integrated Circuit Schottky, 8-Bit Input/Output Port
NTE8213 NTE-NTE8213 Datasheet
55Kb / 1P
   Thermal Cutoff
More results

Similar Description - NTE821

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE791 NTE-NTE791 Datasheet
25Kb / 3P
   Integrated Circuit TV Chroma Amplifier Demodulator
NTE1296 NTE-NTE1296 Datasheet
81Kb / 2P
   Integrated Circuit TV Chroma Processor/Demodulator
NTE1099 NTE-NTE1099 Datasheet
82Kb / 2P
   Integrated Circuit Chroma Demodulator
NTE790 NTE-NTE790 Datasheet
23Kb / 2P
   Integrated Circuit Dual Chroma Demodulator
NTE986 NTE-NTE986 Datasheet
86Kb / 3P
   Integrated Circuit−Linear Single Chip TV Chroma Processor/Demodulator
logo
Fairchild Semiconductor
TBA990 FAIRCHILD-TBA990 Datasheet
262Kb / 5P
   PAL TV CHROMA DEMODULATOR
logo
NTE Electronics
NTE700 NTE-NTE700 Datasheet
22Kb / 2P
   Integrated Circuit TV Chroma System
NTE797 NTE-NTE797 Datasheet
78Kb / 3P
   Integrated Circuit TV Chroma Processor
logo
Fairchild Semiconductor
TDA2521 FAIRCHILD-TDA2521 Datasheet
189Kb / 4P
   PAL TV CHROMA DEMODULATOR COMBINATION
TDA2522 FAIRCHILD-TDA2522 Datasheet
208Kb / 4P
   PAL TV CHROMA DEMODULATOR COMBINATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com