Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVC8T245 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVC8T245
Description  8BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC8T245 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC8T245 Datasheet HTML 1Page - Texas Instruments SN74LVC8T245 Datasheet HTML 2Page - Texas Instruments SN74LVC8T245 Datasheet HTML 3Page - Texas Instruments SN74LVC8T245 Datasheet HTML 4Page - Texas Instruments SN74LVC8T245 Datasheet HTML 5Page - Texas Instruments SN74LVC8T245 Datasheet HTML 6Page - Texas Instruments SN74LVC8T245 Datasheet HTML 7Page - Texas Instruments SN74LVC8T245 Datasheet HTML 8Page - Texas Instruments SN74LVC8T245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN74LVC8T245
8BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES584 − JULY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Notes 10 and 11)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
−40
°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −100 µA,
VI = VIH
1.65 V to 4.5 V
1.65 V to 4.5 V
VCCO − 0.1 V
IOH = −4 mA,
VI = VIH
1.65V
1.65 V
1.2
VOH
IOH = −8 mA,
VI = VIH
2.3 V
2.3 V
1.9
V
VOH
IOH = −24 mA,
VI = VIH
3 V
3 V
2.4
V
IOH = −32 mA,
VI = VIH
4.5 V
4.5 V
3.8
IOL = 100 µA,
VI = VIL
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
IOL = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
VOL
IOL = 8 mA,
VI = VIL
2.3 V
2.3 V
0.3
V
VOL
IOL = 24 mA,
VI = VIL
3 V
3 V
0.55
V
IOL = 32 mA,
VI = VIL
4.5 V
4.5 V
0.55
II
Control
inputs
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
Ioff
A or B
VI or VO = 0 to 5.5 V
0 V
0 to 5.5 V
±1
±2
A
Ioff
A or B
port
VI or VO = 0 to 5.5 V
0 to 5.5 V
0 V
±1
±2
µA
IOZ
A or B
ports
VO = VCCO or
GND
OE = VIH
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
VI = VCCI or
1.65 V to 5.5 V
1.65 V to 5.5 V
15
ICCA
VI = VCCI or
GND
IO = 0
5 V
0 V
15
µA
ICCA
GND
IO = 0
0 V
5 V
−2
µA
VI = VCCI or
1.65 V to 5.5 V
1.65 V to 5.5 V
15
ICCB
VI = VCCI or
GND
IO = 0
5 V
0 V
−2
µA
ICCB
GND
IO = 0
0 V
5 V
15
µA
ICCA ) ICCB
VI = VCCI or
GND
IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
25
µA
A port
One A port at VCCA − 0.6 V,
DIR at VCCA, B port = OPEN
50
∆ICCA
Control
inputs
DIR at VCCA − 0.6 V,
B port = OPEN,
A port at VCCA or GND
3 V to 5.5 V
3 V to 5.5 V
50
µA
∆ICCB
B port
One B port at VCCB − 0.6 V,
DIR at GND, A port = OPEN
3 V to 5.5 V
3 V to 5.5 V
50
µA
Ci
Control
inputs
VI = VCCA or GND
3.3 V
3.3 V
pF
Cio
A or B
ports
VO = VCCA/B or GND
3.3 V
3.3 V
pF
NOTES: 10. VCCO is the VCC associated with the output port.
11. VCCI is the VCC associated with the input port.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN74AVC24T245 24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVC1T45 SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCH4T245 4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCBH324245 32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVC4T245 4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCH32T245 32-bit dual-supply bus transceiver with configurable voltage translation and 3-state outputs 1  2  3  4  5  More Texas Instruments
SN74AVCH24T245 24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCH2T45 DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCB164245 16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74LVC1T45 SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn