Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVC8T245 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVC8T245
Description  8BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC8T245 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC8T245 Datasheet HTML 1Page - Texas Instruments SN74LVC8T245 Datasheet HTML 2Page - Texas Instruments SN74LVC8T245 Datasheet HTML 3Page - Texas Instruments SN74LVC8T245 Datasheet HTML 4Page - Texas Instruments SN74LVC8T245 Datasheet HTML 5Page - Texas Instruments SN74LVC8T245 Datasheet HTML 6Page - Texas Instruments SN74LVC8T245 Datasheet HTML 7Page - Texas Instruments SN74LVC8T245 Datasheet HTML 8Page - Texas Instruments SN74LVC8T245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN74LVC8T245
8BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES584 − JULY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 5 through 7)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.65
5.5
V
VCCB
Supply voltage
1.65
5.5
V
1.65 V to 1.95 V
VCCI × 0.65
VIH
High-level input
Data inputs
2.3 V to 2.7 V
1.7
V
VIH
High-level input
voltage
Data inputs
(see Note 8)
3 V to 3.6 V
2
V
voltage
(see Note 8)
4.5 V to 5.5 V
VCCI × 0.7
1.65 V to 1.95 V
VCCI × 0.35
VIL
Low-level input
Data inputs
2.3 V to 2.7 V
0.7
V
VIL
Low-level input
voltage
Data inputs
(see Note 8)
3 V to 3.6 V
0.8
V
voltage
(see Note 8)
4.5 V to 5.5 V
VCCI × 0.3
DIR
1.65 V to 1.95 V
VCCA × 0.65
VIH
High-level input
DIR
(Referenced to VCCA)
2.3 V to 2.7 V
1.7
V
VIH
High-level input
voltage
(Referenced to VCCA)
(see Note 9)
3 V to 3.6 V
2
V
voltage
(see Note 9)
4.5 V to 5.5 V
VCCA × 0.7
DIR
1.65 V to 1.95 V
VCCA × 0.35
VIL
Low-level input
DIR
(Referenced to VCCA)
2.3 V to 2.7 V
0.7
V
VIL
Low-level input
voltage
(Referenced to VCCA)
(see Note 9)
3 V to 3.6 V
0.8
V
voltage
(see Note 9)
4.5 V to 5.5 V
VCCA × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
Active state
0
VCCO
V
VO
Output voltage
3-State
0
3.6
V
1.65 V to 1.95 V
−4
IOH
High-level output current
2.3 V to 2.7 V
−8
mA
IOH
High-level output current
3 V to 3.6 V
−24
mA
4.5 V to 5.5 V
−32
1.65 V to 1.95 V
4
IOL
Low-level output current
2.3 V to 2.7 V
8
mA
IOL
Low-level output current
3 V to 3.6 V
24
mA
4.5 V to 5.5 V
32
1.65 V to 1.95 V
20
∆t/∆v
Input transition rise or
fall rate
Data inputs
2.3 V to 2.7 V
20
ns/V
∆t/∆v
Input transition rise or
fall rate
Data inputs
3 V to 3.6 V
10
ns/V
4.5 V to 5.5 V
5
TA
Operating free-air temperature
−40
85
°C
NOTES:
5. VCCI is the VCC associated with the data input port.
6. VCCO is the VCC associated with the output port.
7. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
8. For VCCI values not specified in the data sheet, VIH(min) = VCCI x 0.7 V, VIL(max) = VCCI x 0.3 V.
9. For VCCI values not specified in the data sheet, VIH(min) = VCCA x 0.7 V, VIL(max) = VCCA x 0.3 V.


Similar Part No. - SN74LVC8T245

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
739Kb / 20P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI1-SN74LVC8T245 Datasheet
1,006Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245 TI1-SN74LVC8T245 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
More results

Similar Description - SN74LVC8T245

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz