Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G97 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G97
Description  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G97 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP1G97 Datasheet HTML 1Page - Texas Instruments SN74AUP1G97 Datasheet HTML 2Page - Texas Instruments SN74AUP1G97 Datasheet HTML 3Page - Texas Instruments SN74AUP1G97 Datasheet HTML 4Page - Texas Instruments SN74AUP1G97 Datasheet HTML 5Page - Texas Instruments SN74AUP1G97 Datasheet HTML 6Page - Texas Instruments SN74AUP1G97 Datasheet HTML 7Page - Texas Instruments SN74AUP1G97 Datasheet HTML 8Page - Texas Instruments SN74AUP1G97 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time − ns
Output
Input
Switching Characteristics
at 25 MHz
AUP1G08 data at CL = 15 pF
SN74AUP1G97
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES505D – NOVEMBER 2003 – REVISED JUNE 2005
Figure 2. Excellent Signal Integrity
The SN74AUP1G97 features configurable multiple functions. The output state is determined by eight patterns of
3-bit input. The user can choose the logic functions MUX, AND, OR, NAND, NOR, inverter, and noninverter. All
inputs can be connected to VCC or GND.
The device functions as an independent gate with Schmitt-trigger inputs, which allows for slow input transition
and better switching-noise immunity at the input.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
Tape and reel
SN74AUP1G97YEPR
0.23-mm Large Bump – YEP
_ _ _HP_
NanoFree™ – WCSP (DSBGA)
Tape and reel
SN74AUP1G97YZPR
0.23-mm Large Bump – YZP (Pb-free)
–40°C to 85°C
SOT (SOT-23) – DBV
Tape and reel
SN74AUP1G97DBVR
H97_
SOT (SC-70) – DCK
Tape and reel
SN74AUP1G97DCKR
HP_
SOT (SOT-553) – DRL
Reel of 4000
SN74AUP1G97DRLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
⋅ = Pb-free).
FUNCTION TABLE
INPUTS
OUTPUT
Y
C
B
A
L
L
L
L
L
L
H
L
L
H
L
H
L
H
H
H
H
L
L
L
H
L
H
H
H
H
L
L
H
H
H
H
2


Similar Part No. - SN74AUP1G97

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97DBVR TI-SN74AUP1G97DBVR Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97DBVRE4 TI-SN74AUP1G97DBVRE4 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97DBVRG4 TI-SN74AUP1G97DBVRG4 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97DBVT TI-SN74AUP1G97DBVT Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74AUP1G97

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com