Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAP9004E Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part No. MAP9004E
Description  High Voltage AC LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MGCHIP [MagnaChip Semiconductor.]
Homepage  http://www.magnachip.co.kr
Logo 

MAP9004E Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Datasheet Version 1.0
MARCH 2017
Page
6
Electrical Characteristics
Ta = 25℃, CS Resistance = 6.8
Ω unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Supply
VVIN_MIN
Minimum Startup Voltage
25
V
IVIN
Input current
VVIN = 200V, VGND = 0V
150
350
700
uA
Driver Section
ID Leak
Driver leakage current
VVIN = 0V, VGND = 0V,
OUT = 400V
-
-
10
uA
IOUT
Driver current
VVIN =200V, OUT = 40V
180
185
190
mA
OTP Section
OTP
Over temperature protection
150
-
-
Note 6: Stress beyond the maximum ratings listed above may incur permanent damage to the device. Operating above the recommended
conditions for extended time may stress the device and affect device reliability. Also the device may not operate normally above
the recommended operating conditions. These are stress ratings only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn