Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT230 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT230
Description  Wirewound Rheostat/Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT230 Datasheet(HTML) 2 Page - Vishay Siliconix

  RT230 Datasheet HTML 1Page - Vishay Siliconix RT230 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 50029
Revision 22-Jun-05
www.vishay.com
90
RT230
Vishay Sfernice
For technical questions, contact sfer@vishay.com
LOCKING DEVICE
This is supplied as an option.
The available spindle length is according to the panel
thick-ness.
Order reference : DBA10.
NOMINAL
RESISTANCE
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
A
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1k
1.5k
2.2k
3.3k
4.7k
6.8k
10k
15k
22k
15.2
18.6
22.5
27.6
32.9
31.5
48
58.7
71.1
87.1
104
125
152
186
225
276
329
395
480
587
711
871
1040
1250
1500
1940
2000
15.2
12.4
10.2
8.36
7
5.82
4.80
3.92
3.23
2.64
2.21
1.84
1.52
1.24
1.02
0.836
0.700
0.582
0.480
0.392
0.323
0.264
0.221
0.184
0.150
0.13
0.091
PARTICULAR CHARACTERISTICS
For any special requirement on request : spindle flats, etc.
Please supply detailed drawing.
Ø
mm
10
WITHOUT
AS
50
SCREW DRIVER
SLOT
CODE
DISTANCE TO MOUNTING
PLATE MM
SPINDLES
Wirewound Rheostat/Potentiometer
SERIES
STYLE
SPINDLE
LOCKING
DEVICE
VARIATION
LAW
ACC
60JF
CG115
XXX
SPECIAL
DESIGN
Method N°
Optional
OHMIC
VALUE
SPINDLE
(Code)
WINDING
RT
230
Optional
Optional
L
10kΩ
AS
for special
spindles
please supply
detailed drawing
± 10%
OPTIONS
VITREOUS
ORDERING PROCEDURE
TOLERANCE
MODEL
KNOB
DIAL
OTHER SPECIAL
REQUIREMENTS
COMMAND KNOB 60JF (OPTION)
DIAL CG115 (OPTION)
4 holes Ø 3.5
Ø 12
5
6
7
8
9
10
0
1
2
3
4
115
98
2 holes Ø 6
98
50
115
MARKING
SFERNICE trademark, series, style, ohmic value (in
Ω or kΩ), tolerance (in %), maximum current in A, manufacturing date
21
Ø 76
Ø 10
16
thumb
wheel nut
min. panel cut-out
Ø 32
panel
18
17


Similar Part No. - RT230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT230 VISHAY-RT230 Datasheet
120Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT230 VISHAY-RT230 Datasheet
126Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
logo
Marktech Corporate
RT230-20 MARKTECH-RT230-20 Datasheet
264Kb / 4P
   RazerThin LEDs
RT230-20 MARKTECH-RT230-20_15 Datasheet
264Kb / 4P
   LEDs
RT230-5 MARKTECH-RT230-5 Datasheet
257Kb / 4P
   RazerThin LEDs
More results

Similar Description - RT230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT230 VISHAY-RT230_08 Datasheet
120Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT12 VISHAY-RT12_16 Datasheet
97Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT230 VISHAY-RT230_16 Datasheet
126Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com