Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA1967 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RMPA1967
Description  US-PCS CDMA, CDMA2000-1X and WDCMA Power Edge Power Amplifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA1967 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RMPA1967 Datasheet HTML 1Page - Fairchild Semiconductor RMPA1967 Datasheet HTML 2Page - Fairchild Semiconductor RMPA1967 Datasheet HTML 3Page - Fairchild Semiconductor RMPA1967 Datasheet HTML 4Page - Fairchild Semiconductor RMPA1967 Datasheet HTML 5Page - Fairchild Semiconductor RMPA1967 Datasheet HTML 6Page - Fairchild Semiconductor RMPA1967 Datasheet HTML 7Page - Fairchild Semiconductor RMPA1967 Datasheet HTML 8Page - Fairchild Semiconductor RMPA1967 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
May 2005
RMPA1967 Rev. F
RMPA1967
US-PCS CDMA, CDMA2000-1X and WDCMA
Power Edge™ Power Amplifier Module
Features
■ Single positive-supply operation and low power and
shutdown modes
■ 40% CDMA/WCDMA efficiency at +28 dBm average output
power
■ Compact lead-free compliant, LCC package-
(3.0 x 3.0 x 1.0 mm nominal)
■ Internally matched to 50 Ohms and DC blocked RF
input/output
■ Meets CDMA2000-1XRTT/WCDMA performance require-
ments
■ Meets HSDPA performance requirements
■ Alternative pin-out to Fairchild RMPA1965
General Description
The RMPA1967 power amplifier module (PAM) is designed for
CDMA, CDMA2000-1X, WCDMA and HSDPA personal commu-
nications system (PCS) applications. The 2-stage PAM is inter-
nally matched to 50 Ohms to minimize the use of external
components and features a low-power mode to reduce standby
current and DC power consumption during peak phone usage.
High
power-added
efficiency
and
excellent
linearity
are
achieved using Fairchild RF’s InGaP Heterojunction Bipolar
Transistor (HBT) process.
Device
Functional Block Diagram
Vcc2
RF OUT
GND
GND
Vref
Vmode
RF IN
Vcc1
(paddle ground on
package bottom)
(Top View)
1
2
3
4
8
7
6
5
DC Bias Control
Input
Match
Output
Match
MMIC


Similar Part No. - RMPA1967

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1963 FAIRCHILD-RMPA1963 Datasheet
102Kb / 7P
   US-PCS CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
111Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
507Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge TM Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965_06 Datasheet
507Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge TM Power Amplifier Module
RMPA1966 FAIRCHILD-RMPA1966 Datasheet
510Kb / 7P
   RMPA1966 I-Lo TM WCDMA Band II Power Amplifier Module, 1850-1910 MHz
More results

Similar Description - RMPA1967

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1963 FAIRCHILD-RMPA1963 Datasheet
102Kb / 7P
   US-PCS CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
111Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965_06 Datasheet
507Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge TM Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765 Datasheet
534Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765_06 Datasheet
578Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1959 FAIRCHILD-RMPA1959 Datasheet
562Kb / 11P
   PCS 3.4V CDMA & CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0959 FAIRCHILD-RMPA0959 Datasheet
519Kb / 13P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967 Datasheet
142Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA0963 FAIRCHILD-RMPA0963 Datasheet
128Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com