Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVT442S-T Datasheet(PDF) 2 Page - International Rectifier

Part # PVT442S-T
Description  Microelectronic Power IC HEXFET Power MOSFET Relay Single Pole, Normally Closed 0-400V, 170mA AC/DC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT442S-T Datasheet(HTML) 2 Page - International Rectifier

  PVT442S-T Datasheet HTML 1Page - International Rectifier PVT442S-T Datasheet HTML 2Page - International Rectifier PVT442S-T Datasheet HTML 3Page - International Rectifier PVT442S-T Datasheet HTML 4Page - International Rectifier PVT442S-T Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PVT442
2
www.irf.com
OBSOLETE
Electrical Specifications (-40
oC
T
A +85
oC unless otherwise specified)
INPUT CHARACTERISTICS
Limits
Units
Min. Control Current (See Fig.1)
3.0
mA
Control Current Range (Caution: current limit input LED, see Fig.6)
3.0 to 25
mA
Max. Reverse Voltage
7.0
V
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to
±400
V(DC or AC peak)
Max. Load Current @ T
A=+40
oC
(See Fig.1)
“A” Connection
170
mA (AC or DC)
“B” Connection
185
mA (DC)
“C” Connection
300
mA (DC)
Max. On-State Resistance @T
A=+25
oC
For 50mA Pulsed Load, 5mA Control (See Fig.4)
“A” Connection
16
“B” Connection
14
“C” Connection
7
Max. Off-State Leakage @T
A=+25
oC, ±400V (See Fig.5) @ 5mA Control
1.0
µA
Max. Turn-On Time @T
A=+25
oC (See Fig. 7)
For 50mA, 100 VDC Load, 5mA Control
2.0
ms
Max. Turn-Off Time @T
A=+25
oC (See Fig. 7)
For 50mA, 100 VDC Load, 5mA Control
3.0
ms
Max. Output Capacitance @ 50VDC (See Fig. 2)
50
pF
GENERAL CHARACTERISTICS
Limits
Units
Min. Dielectric Strength, Input-Output
4000
VRMS
Min. Insulation Resistance, Input-Output
@T
A=+25
oC, 50%RH, 100V
DC
1012
Max. Capacitance, Input-Output
1.0
pF
Max. Pin Soldering Temperature (10 seconds max.)
+260
oC
Ambient Temperature Range: Operating
-40 to +85
oC
Storage
-40 to +100
oC
Connection Diagrams


Similar Part No. - PVT442S-T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
   Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT412APBF IRF-PVT412APBF Datasheet
199Kb / 6P
   Bounce-free operation
PVT412APBF IRF-PVT412APBF_15 Datasheet
199Kb / 6P
   Bounce-free operation
More results

Similar Description - PVT442S-T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT322A IRF-PVT322A Datasheet
302Kb / 4P
   Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT322 IRF-PVT322 Datasheet
261Kb / 4P
   Microelectronic Power IC Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
   Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
   Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
   Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
   Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com