Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5662 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP5662
Description  Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5662 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP5662
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin − Vout = 1.5 V, for typical values TJ = 25°C, for min/max values TJ = −40°C to 85°C, Cin = Cout = 150 mF unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
FIXED OUTPUT VOLTAGE
Input Voltage
Vin
2.0
9.0
V
Output Noise Voltage (Vout = 0.9 V)
Vn
26
mVrms
Output Voltage Accuracy (Note 1)
TJ = 25°C (Vin = Vout +1.5 V to 7.0 V, Iout = 10 mA to 2.0 A)
TJ = −20 to +125°C (Vin = Vout +1.5 V to 7.0 V, Iout = 10 mA to 2.0 A)
TJ = −40 to +150°C (Vin = Vout +1.5 V to 7.0 V, Iout = 10 mA to 2.0 A)
Vout
−1%
−1.5%
−2%
Vout
+1%
+1.5%
+2%
V
Line Regulation (Iout = 10 mA, Vout+1.5 V < Vin < 7.0 V)
REGline
0.03
%
Load Regulation (10 mA < Iout < 2.0 A)
REGload
0.2
%
Dropout Voltage (Iout = 2.0 A)
VDO
1.0
1.3
V
Peak Output Current Limit
Iout
2.0
A
Internal Current Limitation
Ilim
3.0
A
Ripple Rejection (120 Hz)
Ripple Rejection (1 kHz)
RR
70
65
dB
Thermal Shutdown (Guaranteed by Design)
TSHD
160
°C
Ground Current
Iout = 2.0 A
Disabled State
Iq
Iqds
1.3
30
3.0
300
mA
mA
Enable Input Threshold Voltage
Voltage Increasing, On state, Logic High
Voltage Decreasing, Off state, Logic Low
Ven
1.3
0.3
V
Enable Input Current
Enable Pin Voltage = 0.3 Vmax
Enable Pin Voltage = 1.3 Vmin
Ien
0.5
0.5
mA
Error Flag (Fixed Output)
Vcflt
91
94
97
% of Vout
Error Flag Output Low Voltage Saturation (Ief = 1.0 mA)
Vcfdo
200
mV
Error Flag Leakage
Iefleak
1.0
mA
Error Flag Blanking Time (Note 2)
Tef
50
ms
1. Fixed output voltages available at 0.9 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.0 V, 3.3 V per request.
2. Can be disabled per customer request.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn